Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8010IL Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT8010IL
Description  312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8010IL Datasheet(HTML) 2 Page - Exar Corporation

  XRT8010IL Datasheet HTML 1Page - Exar Corporation XRT8010IL Datasheet HTML 2Page - Exar Corporation XRT8010IL Datasheet HTML 3Page - Exar Corporation XRT8010IL Datasheet HTML 4Page - Exar Corporation XRT8010IL Datasheet HTML 5Page - Exar Corporation XRT8010IL Datasheet HTML 6Page - Exar Corporation XRT8010IL Datasheet HTML 7Page - Exar Corporation XRT8010IL Datasheet HTML 8Page - Exar Corporation XRT8010IL Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
XRT8010
312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
REV. 1.0.2
2
FIGURE 2. PIN-OUT OF THE XRT8010 (TOP VIEW)
ORDERING INFORMATION
PART NUMBER
PACKAGE TYPE
OPERATING TEMPERATURE RANGE
XRT8010IL
16 LEAD QUAD FLAT NO LEAD
(4 mm x 4 mm, QFN)
-40°C to +85°C
1
2
3
4
12
11
10
9
XRT8010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com