Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8010IL Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT8010IL
Description  312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8010IL Datasheet(HTML) 4 Page - Exar Corporation

  XRT8010IL Datasheet HTML 1Page - Exar Corporation XRT8010IL Datasheet HTML 2Page - Exar Corporation XRT8010IL Datasheet HTML 3Page - Exar Corporation XRT8010IL Datasheet HTML 4Page - Exar Corporation XRT8010IL Datasheet HTML 5Page - Exar Corporation XRT8010IL Datasheet HTML 6Page - Exar Corporation XRT8010IL Datasheet HTML 7Page - Exar Corporation XRT8010IL Datasheet HTML 8Page - Exar Corporation XRT8010IL Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
XRT8010
312MHZ CLOCK & CRYSTAL MULTIPLIER WITH LVDS OUTPUTS
REV. 1.0.2
3
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
PIN
NAME
TYPE
DESCRIPTION
1
AVDD
3.3V ±10% Analog Supply for Crystal Oscillator
2
AGND
Analog Ground for Crystal Oscillator
3
XTAL1
I
Crystal pin 1 or external clock input
4
XTAL2
O
Crystal pin 2 (output drive for crystal)
5
AGND
Analog Ground
6
REXT
I
External Bias Resistor (10K
Ω to ground)
7OE
I
Output Enable, Active low (
Internal 50K
Ω pull-down to ground)
8
PD
I
Power Down, Active High
(Internal 50K
Ω pull-down to ground)
9
FS1
I
Frequency select "1"
(Internal 50K
Ω pull-down to ground)
10
FS0
I
Frequency select "0"
(Internal 50K
Ω pull-up to VDD)
11
AGND
Analog Ground
12
OGND
Output Ground for LVDS outputs
13
OUTN
O
LVDS negative output for 50
Ω line
14
OUTP
O
LVDS positive output for 50
Ω line
15
OVDD
3.3V ±10% Digital Supply for LVDS Output buffer
16
AVDD
3.3V ±10% Analog Supply
Supply voltage
-0.5 to 6.0 V
VIN
-0.5 to 6.0 V
Storage Temperature
-65°C to + 150°C
Operating Temperature
-40°C to + 85°C
ESD
2,000 volts
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Supply Voltage
VDD
3.0
3.3
3.6
V
Supply current
IDD
20
25
mA
Input Digital High
VINH
2.0
V
Input Digital Low
VINL
0.8
V
Crystal Frequency
15
27
MHz
See Section 2,0 for Crystal Selection
Crystal Frequency
27
40
MHz
See Section 2,0 for Crystal Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com