Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XBUR53D Datasheet(PDF) 1 Page - SunLED Corporation

Part # XBUR53D
Description  5mm package with built-in blinking IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XBUR53D Datasheet(HTML) 1 Page - SunLED Corporation

  XBUR53D Datasheet HTML 1Page - SunLED Corporation XBUR53D Datasheet HTML 2Page - SunLED Corporation XBUR53D Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: XBUR53D
T-1 3/4 (5mm) BLINKING LED LAMP
Jun 22,2016
XDSA2649 V8-X Layout: Maggie L.
P. 1/3
Features
● 5mm package with built-in blinking IC
● Blinking frequency: 3.0Hz to 1.5Hz
● Operation voltage: 3.5V to 14V
● RoHS compliant.
Absolute Maximum Ratings
(TA=25°C)
Red
(GaAsP/GaP)
Unit
Reverse Voltage
VR
0.5
V
Forward Voltage
VF
14
V
Power Dissipation
PD
310
mW
Operating Temperature
TA
-40 ~ +70
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
Package Schematics
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Red
(GaAsP/GaP)
Unit
Forward Current (Min.)
(VF=3.5V)
IF
8
mA
Forward Current (Typ.)
(VF=5V)
IF
22
mA
Supply Current (Typ.)
(VF=3.5V)
ISON
8
mA
Supply Current (Typ.)
(VF=14V )
ISON
44
mA
Blink Frequency
(Min.~Max.)
(VF=3.5V~14V)
f
1.5~3
Hz
Wavelength of Peak
Emission CIE127-2007* (Typ.)
λP
627*
nm
Wavelength of Dominant Emis-
sion CIE127-2007* (Typ.)
λD
617*
nm
Spectral Line Full Width At Half-
Maximum (Typ.)
△
λ
45
nm
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Wavelength
CIE127-2007*
nm
λP
Viewing
Angle
2θ 1/2
min.
typ.
XBUR53D
Red
GaAsP/GaP
Red Diffused
18
12*
39
24*
627*
60°
Luminous Intensity
CIE127-2007*
(VF=9V)
mcd
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.


Similar Part No. - XBUR53D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XBUF634AIDDAT TI1-XBUF634AIDDAT Datasheet
3Mb / 44P
BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
XBUF634AIDR TI1-XBUF634AIDR Datasheet
665Kb / 21P
210-MHz, 250-mA, high-speed buffer
XBUF634AIDRBT TI1-XBUF634AIDRBT Datasheet
2Mb / 34P
BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
XBUF634AIDRBT TI1-XBUF634AIDRBT Datasheet
3Mb / 44P
BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
XBUF634AIDRBT TI-XBUF634AIDRBT Datasheet
3Mb / 41P
BUF634A 36-V, 210-MHz, 250-mA Output, High-Speed Buffer
More results

Similar Description - XBUR53D

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM1126 NPC-SM1126 Datasheet
125Kb / 18P
Melody IC with Built-in SRAM
logo
Panasonic Semiconductor
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
GaAs IC (with built-in ferroelectric)
GN01100B PANASONIC-GN01100B Datasheet
30Kb / 2P
GaAs IC (with built-in ferroelectric)
logo
List of Unclassifed Man...
OSUB5X31A ETC-OSUB5X31A Datasheet
288Kb / 2P
5MM BLINKING BLUE LED
logo
Bolymin, Inc
BP12864A-163 BOLYMIN-BP12864A-163 Datasheet
414Kb / 1P
TAB IC, TCP package Built-in controller KS0713
BP12864C-163 BOLYMIN-BP12864C-163 Datasheet
393Kb / 1P
TAB IC, TCP package Built-in controller KS0713
BP9632B-163 BOLYMIN-BP9632B-163 Datasheet
171Kb / 1P
TAB IC, TCP package Built-in controller KS0713
logo
SunLED Corporation
XBMR53D SUNLED-XBMR53D Datasheet
216Kb / 3P
5mm package with built-in blinking IC
XBUG53D SUNLED-XBUG53D Datasheet
217Kb / 3P
5mm package with built-in blinking IC
XBUY53D SUNLED-XBUY53D Datasheet
207Kb / 3P
5mm package with built-in blinking IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com