Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7G2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  S7G2 Datasheet HTML 1Page - Renesas Technology Corp S7G2 Datasheet HTML 2Page - Renesas Technology Corp S7G2 Datasheet HTML 3Page - Renesas Technology Corp S7G2 Datasheet HTML 4Page - Renesas Technology Corp S7G2 Datasheet HTML 5Page - Renesas Technology Corp S7G2 Datasheet HTML 6Page - Renesas Technology Corp S7G2 Datasheet HTML 7Page - Renesas Technology Corp S7G2 Datasheet HTML 8Page - Renesas Technology Corp S7G2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 2 of 113
Feb 23, 2016
S7G2
1. Overview
1.
Overview
The S7G2 MCU integrates multiple series of software- and pin-compatible ARM®-based 32-bit MCUs that share the
same set of Renesas peripherals to facilitate design scalability and efficient platform-based product development.
The MCU provides a high-performance ARM Cortex®-M4 core running up to 240 MHz with the following features:
 Up to 4-MB code flash memory
 640-KB SRAM
 Graphics LCD Controller (GLCDC)
 2D Drawing Engine (DRW)
 Capacitive Touch Sensing Unit (CTSU)
 Ethernet MAC Controller (ETHERC) with IEEE 1588 PTP, USBFS, USBHS, SD/MMC Host Interface
 Quad Serial Peripheral Interface (QSPI)
 Security and safety features
 Analog peripherals.
1.1
Function Outline
Table 1.1
ARM core
Feature
Functional description
ARM Cortex-M4
 Maximum operating frequency: up to 240 MHz
 ARM Cortex-M4 core:
- Revision: r0p1-01rel0
- ARMv7E-M architecture profile
- Single precision floating point unit compliant with the ANSI/IEEE Std 754-2008
 ARM Memory Protection Unit (MPU):
- ARMv7 Protected Memory System Architecture
- 8 protect regions
 SysTick timer:
- Driven by LOCO clock
Table 1.2
Memory
Feature
Functional description
Code flash memory
Maximum 4 MB of code flash memory. See section 54, Flash Memory in User's Manual.
Data flash memory
64 KB of data flash memory. See section 54, Flash Memory in User's Manual.
Memory Mirror Function (MMF)
The MMF can be configured to mirror the wanted application image load address in code flash
memory to the application image link address in the 23-bit unused memory space (memory
mirror space addresses). Your application code is developed and linked to run from this MMF
destination address. The application code does not need to know the load location where it is
stored in code flash memory. See section 5, Memory Mirror Function (MMF) in User's Manual.
SRAM
On-chip high-speed SRAM providing either parity-bit or double-bit error detection (DED). The
first 32 KB of SRAM0 is subject to DED. Parity check is performed for other areas. See section
52, SRAM in User's Manual.
Standby SRAM
On-chip SRAM that can retain data in Deep Software Standby mode. See section 53, Standby
SRAM in User's Manual.
Table 1.3
System (1/2)
Feature
Functional description
Operating modes
Two operating modes:
- Single-chip mode
- SCI or USB boot mode.
See section 3, Operating Modes in User's Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com