Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S7G2 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # S7G2
Description  32-bit ARM Cortex-M4 microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 25Page - Renesas Technology Corp S7G2 Datasheet HTML 26Page - Renesas Technology Corp S7G2 Datasheet HTML 27Page - Renesas Technology Corp S7G2 Datasheet HTML 28Page - Renesas Technology Corp S7G2 Datasheet HTML 29Page - Renesas Technology Corp S7G2 Datasheet HTML 30Page - Renesas Technology Corp S7G2 Datasheet HTML 31Page - Renesas Technology Corp S7G2 Datasheet HTML 32Page - Renesas Technology Corp S7G2 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 29 of 113
Feb 23, 2016
S7G2
1. Overview
A3
A3
85
D5
69
47
-
P30
3
A08
A08
--GTI
OC
7B_
A
---
-------
-----LC
D_
DA
TA1
5_A
A2
B3
86
A2
70
48
-
P30
2
A07
A07
-
GT
OU
UP
_A
GTI
OC
4A_
A
--TX
D2_
A/
MO
SI2
_A/
SD
A2_
A
--SS
LB3
_B
----
----IRQ
5
LC
D_
DA
TA1
4_A
B3
A2
87
C3
71
49
-
P30
1
A06
A06
-
GT
OU
LO
_A
GTI
OC
4B_
A
--RX
D2_
A/
MIS
O2
_A/
SC
L2_
A
--SS
LB2
_B
----
----IRQ
6
LC
D_
DA
TA1
3_A
F5
C4
88
B2
72
50
TC
K/S
WC
LK
P30
0
--
--GTI
OC
0A_
A
---
--SS
LB1
_B
----
------
B2
C3
89
A1
73
51
TM
S/S
WD
IO
P10
8
--
--GTI
OC
0B_
A
---
CT
S9_
RT
S9_
B/
SS
9_B
-SS
LB0
_B
----
------
B1
A1
90
D4
74
52
CL
KO
UT
_B/
TD
O/S
WO
P10
9
--
-GT
OV
UP
_A
GTI
OC
1A_
A
-CT
X1_
A
-TX
D9_
B/
MIS
O9
_B/
SD
A9_
B
-MO
SIB
_B
----
------
C2
D3
91
B1
75
53
TDI
P11
0
--
-GT
OV
LO
_A
GTI
OC
1B_
A
-CR
X1_
A
CT
S2_
RT
S2_
B/
SS
2_B
RX
D9_
B/
MIS
O9
_B/
SC
L9_
B
-MIS
OB
_B
----
--VC
OU
T
-IRQ
3
-
C1
D4
92
C2
76
54
-
P11
1
A05
A05
--GTI
OC
3A_
A
--SC
K2_
B
SC
K9_
B
-RS
PC
KB
_B
----
----IRQ
4
LC
D_
DA
TA1
2_A
C3
B2
93
D3
77
55
-
P11
2
A04
A04
--GTI
OC
3B_
A
--TX
D2_
B/
MO
SI2
_B/
SD
A2_
B
---SSI
SC
K0_
B
--
-----LC
D_
DA
TA1
1_A
D3
B1
94
C1
78
56
-
P11
3
A03
A03
-----RX
D2_
B/
MIS
O2
_B/
SC
L2_
B
---SSI
WS
0_B
--
-----LC
D_
DA
TA1
0_A
E4
C2
95
E4
79
57
-
P11
4
A02
A02
------
---SSI
RX
D0_
B
--
-----LC
D_
DA
TA0
9_A
E3
C1
96
E3
80
58
-
P11
5
A01
A01
------
---SSI
TX
D0_
B
--
-----LC
D_
DA
TA0
8_A
D1
E3
97
D2
81
-
VC
C
--
------
-------
------
D2
E4
98
D1
82
-
VS
S
--
------
-------
------
F4
D2
99
F4
83
59
-
P60
8
A00
/BC
0
A00
/DQ
M1
------
-------
-----LC
D_
DA
TA0
7_A
Table 1.17
Pin list (7/12)
Pin number
Extbus
Timers
Communication interfaces
Analog
HMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com