Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S124 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 2 Page - Renesas Technology Corp

  S124 Datasheet HTML 1Page - Renesas Technology Corp S124 Datasheet HTML 2Page - Renesas Technology Corp S124 Datasheet HTML 3Page - Renesas Technology Corp S124 Datasheet HTML 4Page - Renesas Technology Corp S124 Datasheet HTML 5Page - Renesas Technology Corp S124 Datasheet HTML 6Page - Renesas Technology Corp S124 Datasheet HTML 7Page - Renesas Technology Corp S124 Datasheet HTML 8Page - Renesas Technology Corp S124 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 2 of 95
Feb 23, 2016
S124
1. Overview
1.
Overview
The S124 MCU comprises multiple series of software- and pin-compatible ARM-based 32-bit MCUs that share a
common set of Renesas peripherals to facilitate design scalability and efficient platform-based product development.
Based on the energy-efficient ARM® Cortex®-M0+ 32-bit core, this MCU is particularly well suited for cost-sensitive
and low-power applications. The MCU in this series feature:
 Up to 128 KB code flash memory
 16-KB SRAM
 Capacitive Touch Sensing Unit (CTSU)
 14-bit ADC
 12-bit DAC
 Security features.
1.1
Function Outline
Table 1.1
ARM core
Feature
Functional description
ARM Cortex-M0+
 Maximum operating frequency: up to 32 MHz
 ARM Cortex-M0+:
- Revision: r0p1-00rel0
- ARMv6-M architecture profile
- Single-cycle integer multiplier.
 SysTick timer
- Driven by LOCO clock.
Table 1.2
Memory
Feature
Functional description
Code flash memory
Maximum 128 KB code flash memory. See section 37, Flash Memory in User's Manual.
Data flash memory
4 KB data flash memory. See section 37, Flash Memory in User's Manual.
Option-Setting Memory
The option-setting memory determines the state of the MCU after a reset. See section 6,
Option-Setting Memory and Information Memory in User's Manual.
SRAM
The MCU has an on-chip high-speed SRAM with even parity bit. See section 36, SRAM in
User's Manual.
Table 1.3
System (1/2)
Feature
Functional description
Operating mode
Two operating modes:
 Single-chip mode
 SCI boot mode.
See section 3, Operating Modes in User's Manual.
Reset
The MCU has 9 types of resets:
 RES pin reset
 Power-on reset
 Independent watchdog timer reset
 Watchdog timer reset
 Voltage monitor 0 reset
 Voltage monitor 1 reset
 Voltage monitor 2 reset
 SRAM parity error reset
 Software reset.
See section 5, Resets in User's Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com