Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S124 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # S124
Description  32-bit ARM Cortex-M0 microcontroller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S124 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button S124 Datasheet HTML 17Page - Renesas Technology Corp S124 Datasheet HTML 18Page - Renesas Technology Corp S124 Datasheet HTML 19Page - Renesas Technology Corp S124 Datasheet HTML 20Page - Renesas Technology Corp S124 Datasheet HTML 21Page - Renesas Technology Corp S124 Datasheet HTML 22Page - Renesas Technology Corp S124 Datasheet HTML 23Page - Renesas Technology Corp S124 Datasheet HTML 24Page - Renesas Technology Corp S124 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
R01DS0264EU0100 Rev.1.00
Page 21 of 95
Feb 23, 2016
S124
2. Electrical Characteristics
Note 1. Use AVCC0 and VCC under the following conditions:
AVCC0 and VCC can be set individually within the operating range when VCC ≥ 2.0 V
AVCC0 = VCC when VCC < 2.0 V.
Note 2. When powering on the VCC and AVCC0 pins, power them on at the same time or the VCC pin first and then the
AVCC0 pin.
Table 2.2
Recommended operating conditions
Item
Symbol
Value
Min
Typ
Max
Unit
Power supply voltages
VCC*1, *2
When USBFS is not
used
1.6
-
5.5
V
When USBFS is used
USB Regulator
Disable
VCC_USB
-
3.6
V
When USBFS is used
USB Regulator
Enable
VCC_USB
_LDO
-5.5
V
VSS
-0
-V
USB power supply voltages
VCC_USB
When USBFS is not
used
-VCC
-V
When USBFS is used
USB Regulator
Disable
(Input)
3.0
3.3
3.6
V
VCC_USB_LDO
When USBFS is not
used
-VCC
-V
When USBFS is used
USB Regulator
Enable
3.8
-
5.5
V
VSS_USB
-
0
-
V
Analog power supply voltages
AVCC0*1, *2
1.6
-
5.5
V
AVSS0
-
0
-
V
VREFH0
When used as
ADC14 Reference
1.6
-
AVCC0
V
VREFL0
-
0
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com