Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R002 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 83 page
background image
Rev. 1.21
12
April 11, 2017
Rev. 1.21
13
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
Arithmetic and Logic Unit – ALU
Thearithmetic-logicunitorALUisacriticalareaofthemicrocontrollerthatcarriesoutarithmetic
andlogicoperationsoftheinstructionset.Connectedtothemainmicrocontrollerdatabus,theALU
receivesrelatedinstructioncodesandperformstherequiredarithmeticorlogicaloperationsafter
whichtheresultwillbeplacedinthespecifiedregister.AstheseALUcalculationoroperationsmay
resultincarry,borroworotherstatuschanges,thestatusregisterwillbecorrespondinglyupdatedto
reflectthesechanges.TheALUsupportsthefollowingfunctions:
• Arithmeticoperations:ADD,ADDM,ADC,ADCM,SUB,SUBM,SBC,SBCM,DAA
• Logicoperations:AND,OR,XOR,ANDM,ORM,XORM,CPL,CPLA
• RotationRRA,RR,RRCA,RRC,RLA,RL,RLCA,RLC
• IncrementandDecrementINCA,INC,DECA,DEC
• Branchdecision,JMP,SZ,SZA,SNZ,SIZ,SDZ,SIZA,SDZA,CALL,RET,RETI.
Program Memory
TheProgramMemoryisthelocationwheretheusercodeorprogramisstored.Thedeviceis
suppliedwithOne-TimeProgrammable,OTP,memorywhereuserscanprogramtheirapplication
codeintothedevice.Byusingtheappropriateprogrammingtools,OTPdevicesofferusersthe
flexibilitytofreelydeveloptheirapplicationswhichmaybeusefulduringdebugorforproducts
requiringfrequentupgradesorprogramchanges.
Structure
TheProgramMemoryhasacapacityof1K×14bits.TheProgramMemoryisaddressedbythe
ProgramCounterandalsocontainsdata,tableinformationandinterruptentriesinformation.Table
data,whichcanbesetinanylocationwithintheProgramMemory,isaddressedbyseparatetable
pointerregisters.
00H
De vi ce I ni ti al P r ogr am
3F FH
Ex te r nal I nt e rr upt
Ti me r 0 In te rr upt
04H
08H
0C H
14 bi ts
A /D In te rr upt
: Un us ed, r ead as " 00"
Program Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com