Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R002 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
Rev. 1.21
20
April 11, 2017
Rev. 1.21
21
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
System Control Registers – CTRL0, CTRL1
TheseregistersareusedtoprovidecontrolinternalfunctionssuchasthePFDfunction,thePWM
functionandexternalinterruptedgetriggertypeselection.
CTRL0 Register (for HT46R002)
Bit
7
6
5
4
3
2
1
0
Name
—
—
PWMSEL
—
PWMC
—
—
—
R/W
—
—
R/W
—
R/W
—
—
—
POR
—
—
0
—
0
—
—
—
Bit7~6
Unimplemented,readas"0"
Bit5
PWMSEL:PWMtypeselection
0:6+2
1:7+1
Bit4
Unimplemented,readas"0"
Bit3
PWMC:I/OorPWMselection
0:I/Oorotherpin-sharedfunction
1:PWM
Bit2~0
Unimplemented,readas"0"
CTRL0 Register (for HT46R003)
Bit
7
6
5
4
3
2
1
0
Name
—
—
PWMSEL
—
PWMC
PFDC
—
—
R/W
—
—
R/W
—
R/W
R/W
—
—
POR
—
—
0
—
0
0
—
—
Bit7~6
Unimplemented,readas"0"
Bit5
PWMSEL:PWMtypeselection
0:6+2
1:7+1
Bit4
Unimplemented,readas"0"
Bit3
PWMC:I/OorPWMselection
0:PA0
1:PWM
Bit2
PFDC:I/OorPFDselection
0:I/Oorotherpin-sharedfunction
1:PFD
Bit1~0
Unimplemented,readas"0"
CTRL1 Register
Bit
7
6
5
4
3
2
1
0
Name
INTES1
INTES0
—
—
—
—
—
—
R/W
R/W
R/W
—
—
—
—
—
—
POR
1
0
—
—
—
—
—
—
Bit7,6
INTES1, INTES0:Externalinterruptedgetypeselection
00:Disable
01:Risingedgetrigger
10:Fallingedgetrigger
11:Dualedgetrigger
Bit5~0
Unimplemented,readas"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com