Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R003 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT46R003
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R003 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT46R003 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 83 page
background image
Rev. 1.21
48
April 11, 2017
Rev. 1.21
49
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
f SY S /2
PW M
[P WM ] =1 00
[P WM ] =1 01
PW M
[P WM ] =1 02
PW M
[P WM ] =1 03
PW M
PW M m odul at i on per i od : 128 /f SY S
50/ 12 8
51/ 12 8
51/ 12 8
52/ 12 8
50/ 12 8
50/ 12 8
51/ 12 8
51/ 12 8
50/ 12 8
51/ 12 8
51/ 12 8
52/ 12 8
M odul at i on cycl e 0
PW M cycl e : 256/ f SY S
M odul at i on cycl e 1
M odul at i on cycl e 0
7+1 Mode
PW M Re gi st er
( 6+ 2) M od e
b7
b0
AC va lu e
DC va lu e
PWM Register for 7+1 Mode
PWM Output Control
ThePWMoutputsarepin-sharedwiththeI/OpinPA0.TooperateasaPWMoutputandnotas
anI/Opin,thecorrectbitsmustbesetintheCTRL0register.Azerovaluemustalsobewrittento
thecorrespondingbitintheI/OportcontrolregisterPAC.0toensurethatthecorrespondingPWM
outputpinissetasanoutput.Afterthesetwoinitialstepshavebeencarriedout,andofcourse
aftertherequiredPWMvaluehasbeenwrittenintothePWMregister,writingahighvalueto
thecorrespondingbitintheoutputdataregisterPA.0willenablethePWMdatatoappearonthe
pin.WritingazerovaluewilldisablethePWMoutputfunctionandforcetheoutputlow.Inthis
way,thePortdataoutputregisterscanbeusedasanon/offcontrolforthePWMfunction.Note
thatiftheCTRL0registerhasselectedthePWMfunction,butahighvaluehasbeenwrittentoits
correspondingbitinthePACcontrolregistertoconfigurethepinasaninput,thenthepincanstill
functionasanormalinputline,withpull-highresistoroptions.
PWM Programming Example
mov a,64h
; set PWM value of decimal 100
mov pwm0,a
set ctrl0.5
; select the 7+1 PWM mode
set ctrl0.3
; select pin PA0 to have a PWM function
clr pac.0
; set pin PA0 as an output
set pa.0
; enable the PWM output
:
:
clr pa.0
; disable the PWM output_ pin PA0 forced low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com