Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R003 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT46R003
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R003 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT46R003 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R003 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
Rev. 1.21
38
April 11, 2017
Rev. 1.21
39
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
Timer/Event Counter
Theprovisionoftimerformanimportantpartofanymicrocontroller,givingthedesignerameansof
carryingouttimerelatedfunctions.Thedevicescontainfroman8-bitcount-uptimer.Asthetimer
hasthreedifferentoperatingmodes,theycanbeconfiguredtooperateasageneraltimer,anexternal
eventcounterorasapulsewidthcapturedevice.Theprovisionofaninternalprescalertotheclock
circuitryongivesaddedrangetothetimer.
TherearetwotypesofregistersrelatedtotheTimer/EventCounter0.Thefirstistheregisterthat
containstheactualvalueofthetimerandintowhichaninitialvaluecanbepreloaded.Reading
fromthisregisterretrievesthecontentsoftheTimer/EventCounter0.Thesecondtypeofassociated
registeristheTimerControlRegisterwhichdefinesthetimeroptionsanddetermineshowthetimer
istobeused.Thedevicecanhavethetimerclockconfiguredtocomefromtheinternalclocksource.
Inaddition,thetimerclocksourcecanalsobeconfiguredtocomefromanexternaltimerpin.
Configuring the Timer/Event Counter Input Clock Source
TheTimer/EventCounterclocksourcecanoriginatefromvarioussources,aninternalclockoran
externalpin.Theinternalclocksourceisusedwhenthetimerisinthetimermode.FortheTimer/
EventCounter0,tQIHQIhisinternalclocksourceisfirstdividedbyaprescaler,thedivision
ratioofwhichisconditionedbytheTimerControlRegisterbitsT0PSC2~T0PSC0.Theinternal
clocksourcecanbederivedfromthesystemclockfSYSorfromtheinstructionclockfSYS/4orthe
internallowspeedoscillatorLIRCforTimer/EventCounterselectedbytheclockselectionbits
WDTCLS1~WDTCLS0intheWDTCregister.
AnexternalclocksourceisusedwhentheTimer/EventCounterisintheeventcountingmode,the
clocksourcebeingprovidedonanexternaltimerpinTMR.Dependingupontheconditionofthe
T0EGbit,eachhightolow,orlowtohightransitionontheexternaltimerpinwillincrementthe
counterbyone.
WDT Divider
PWM
fS
8-to-1 MUX
WDT Time-out
(28/fS ~ 215/fS)
LIRC
M
U
X
WDTCLS1,
WDTCLS0
fSYS
fSYS/4
8-stage Prescaler
PWM Circuitry
7
fS/28
8-to-1 MUX
T0PSC2~T0PSC0
WS2~WS0
To Timer 0 internal clock
Clock Source for Timer/PWM/WDT
T0 ON
Pr el oad R eg is te r
Up C oun te r
Da ta B us
PF D*
2
¸
TM R
T0 EG
M ode C on tr ol
Ti me r 0 I nt er nal C lo ck
(f T0 CK )
Ov er fl ow
to I nt er ru pt
T0 M1 , T0 M0
T0 OV
Note:“*”meansforHT46R003only.
8-bit Timer/Event Counter 0 Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com