Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R065 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46R065
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R065 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46R065 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 101 page
background image
Characteristic Curve
VOL vs. IOL1 Over Temperature (VDD=3.0V)
VOL vs. IOL1 Over Temperature (VDD=5.0V)
HT46R064/065/066/0662/067
Rev. 1.30
13
January 22, 2013
IOL1 (3V)
0
0.1
0.2
0.3
0.4
0.5
0.6
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
IOL (mA)
85
25
-40
IOL1 (5V)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
IOL (mA)
85
25
-40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com