Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R065 Datasheet(PDF) 39 Page - Holtek Semiconductor Inc

Part # HT46R065
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R065 Datasheet(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT46R065 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R065 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
HT46R064/065/066/0662/067
Rev. 1.30
39
January 22, 2013
¨ HT46R0662/HT46R067
Register
Name
POR
Bit
76543210
PAWK
00H
PAWK7
PAWK6
PAWK5
PAWK4
PAWK3
PAWK2
PAWK1
PAWK0
PAC
FFH
PAC7
PAC6
PAC5
PAC4
PAC3
PAC2
PAC1
PAC0
PAPU
00H
¾
PAPU6
PAPU5
PAPU4
PAPU3
PAPU2
PAPU1
PAPU0
PBC
FFH
PBC7
PBC6
PBC5
PBC4
PBC3
PBC2
PBC1
PBC0
PBPU
00H
PBPU7
PBPU6
PBPU5
PBPU4
PBPU3
PBPU2
PBPU1
PBPU0
PCC
FFH
PCC7
PCC6
PCC5
PCC4
PCC3
PCC2
PCC1
PCC0
PCPU
00H
PCPU7
PCPU6
PCPU5
PCPU4
PCPU3
PCPU2
PCPU1
PCPU0
PDC
FFH
PDC7
PDC6
PDC5
PDC4
PDC3
PDC2
PDC1
PDC0
PDPU
00H
PDPU7
PDPU6
PDPU5
PDPU4
PDPU3
PDPU2
PDPU1
PDPU0
PEC
FFH
PEC7
PEC6
PEC5
PEC4
PEC3
PEC2
PEC1
PEC0
PEPU
00H
PEPU7
PEPU6
PEPU5
PEPU4
PEPU3
PEPU2
PEPU1
PEPU0
PFC
03H
¾¾¾¾¾¾
PFC1
PFC0
PFPU
00H
¾¾¾¾¾¾
PFPU1
PFPU0
²¾² Unimplemented, read as ²0²
PAWKn: PA wake-up function enable
0: disable
1: enable
PACn/PBCn/PCCn/PDCn/PECn/PFCn: I/O type selection
0: output
1: input
PAPUn/PBPUn/PCPUn/PDPUn/PEPUn/PFPUn: Pull-high function enable
0: disable
1: enable
I/O Port Control Registers
Each Port has its own control register, known as PAC,
PBC, PCC, PDC, PEC, PFC which controls the in-
put/output configuration. With this control register, each
I/O pin with or without pull-high resistors can be recon-
figured dynamically under software control. For the I/O
pin to function as an input, the corresponding bit of the
control register must be written as a
²1². This will then
allow the logic state of the input pin to be directly read by
instructions. When the corresponding bit of the control
register is written as a
²0², the I/O pin will be setup as a
CMOS output. If the pin is currently setup as an output,
instructions can still be used to read the output register.
However, it should be noted that the program will in fact
only read the status of the output data latch and not the
actual logic status of the output pin.
Pin-shared Functions
The flexibility of the microcontroller range is greatly en-
hanced by the use of pins that have more than one func-
tion. Limited numbers of pins can force serious design
constraints on designers but by supplying pins with
multi-functions, many of these difficulties can be over-
come. For some pins, the chosen function of the
multi-function I/O pins is set by configuration options
while for others the function is set by application pro-
gram control.
· External Interrupt Input
The external interrupt pin, INT, is pin-shared with an
I/O pin. To use the pin as an external interrupt input
the correct bits in the INTC0 register must be pro-
grammed. The pin must also be setup as an input by
setting the PAC3 bit in the Port Control Register. A
pull-high resistor can also be selected via the appro-
priate port pull-high resistor register. Note that even if
the pin is setup as an external interrupt input the I/O
function still remains.
· External Timer/Event Counter Input
The Timer/Event Counter pins, TC0, TC1 and TC2 are
pin-shared with I/O pins. For these shared pins to be
used as Timer/Event Counter inputs, the Timer/Event
Counter must be configured to be in the Event Coun-
ter or Pulse Width Capture Mode. This is achieved by
setting the appropriate bits in the Timer/Event Counter
Control Register. The pins must also be setup as in-
puts by setting the appropriate bit in the Port Control
Register. Pull-high resistor options can also be se-
lected using the port pull-high resistor registers. Note
that even if the pin is setup as an external timer input
the I/O function still remains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com