Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82B42RE Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT82B42RE
Description  I/O MCU with USB Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42RE Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT82B42RE Datasheet HTML 48Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 49Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 50Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 51Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 52Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 53Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 54Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 55Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
Rev. 1.10
��
�ove��e� 0�� �01�
Rev. 1.10
�3
�ove��e� 0�� �01�
HT82B42R/HT82B42RE
I/O MCU with USB Interface
PIPE_CTRL Register
Bit
7
6
5
4
3
2
1
0
�a�e
―
―
―
―
―
SETIO�
SETIO1
DATA0
R/W
―
―
―
―
―
R/W
R/W
R/W
POR
―
―
―
―
―
1
1
1
Bit7~3
Unimplemented
Bit2
SETIO2:USBPIPE2INorOUTcontrolbit
0:out
1:in(default)
Bit1
SETIO1:USBPIPE1INorOUTcontrolbit
0:out
1:in(default)
Bit0
DATA0:USBEndpointdatacontrolbit
0:low
1:high
STALL Register
Bit
7
6
5
4
3
2
1
0
�a�e
―
―
―
―
―
STL�
STL1
STL0
R/W
―
―
―
―
―
R/W
R/W
R/W
POR
―
―
―
―
―
1
1
1
Bit7~3
Unimplemented
Bit2
STL2:USBEndpoint2Stallindicationbit
0:notstall
1:stall
Bit1
STL1:USBEndpoint1Stallindicationbit
0:notstall
1:stall
Bit0
STL0:USBEndpoint0Stallindicationbit
0:notstall
1:stall
PIPE Register
Bit
7
6
5
4
3
2
1
0
�a�e
―
―
―
―
―
Pipe�
Pipe1
Pipe0
R/W
―
―
―
―
―
R
R
R
POR
―
―
―
―
―
0
0
0
Bit7~3
Unimplemented
Bit2
Pipe2:USBPIPE2inuseindicationbit
0:notinuse
1:inuse
Bit1
Pipe1:USBPIPE1inuseindicationbit
0:notinuse
1:inuse
Bit0
Pipe0:USBPIPE0inuseindicationbit
0:notinuse
1:inuse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com