Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82B42RE Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT82B42RE
Description  I/O MCU with USB Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42RE Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT82B42RE Datasheet HTML 17Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 18Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 19Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 20Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 21Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 22Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 23Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 24Page - Holtek Semiconductor Inc HT82B42RE Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
Rev. 1.10
�0
�ove��e� 0�� �01�
Rev. 1.10
�1
�ove��e� 0�� �01�
HT82B42R/HT82B42RE
I/O MCU with USB Interface
00H
01H
02H
03H
04H
05H
06H
07H
08H
09H
0A H
0B H
0C H
0D H
0E H
0F H
10H
11H
12H
13H
14H
15H
16H
17H
18H
19H
1A H
1B H
1C H
1D H
1E H
1F H
20H
21H
22H
23H
24H
: U nus ed re ad a s "0 "
IA R0
MP 0
IA R1
MP 1
BP
AC C
P CL
TB LP
TB LH
WD TS
ST AT US
IN TC 0
TM R0
TM R0 C
TM R1 H
TM R1 L
TM R1 C
P A
PAC
P B
PBC
P E
PEC
SP IR
IN TC 1
TB HP
US C
US R
SC C
SB CR
SB DR
40H
41H
42H
43H
44H
45H
46H
47H
48H
49H
4A H
U SB_ ST AT
P IP E_ CT RL
AW R
ST AL L
P IP E
SI ES
MI SC
E NDP T_ EN
FI FO 0
FI FO 1
FI FO 2
Ba nk 0B an k1
Special Purpose Data Memory
Special Function Registers
Toensuresuccessfuloperationofthemicrocontroller,certaininternalregistersareimplementedin
theDataMemoryarea.Theseregistersensurecorrectoperationofinternalfunctionssuchastimers,
interrupts,etc.,aswellasexternalfunctionssuchasI/Odatacontrol.Thelocationoftheseregisters
withintheDataMemorybeginsattheaddress00H.AnyunusedDataMemorylocationsbetween
thesespecialfunctionregistersandthepointwheretheGeneralPurposeMemorybeginsisreserved
andattemptingtoreaddatafromtheselocationswillreturnavalueof00H.
Indirect Addressing Register – IAR0, IAR1
TheIndirectAddressingRegisters,IAR0andIAR1,althoughhavingtheirlocationsinnormalRAM
registerspace,donotactuallyphysicallyexistasnormalregisters.Themethodofindirectaddressing
forRAMdatamanipulationusestheseIndirectAddressingRegistersandMemoryPointers,in
contrasttodirectmemoryaddressing,wheretheactualmemoryaddressisspecified.Actionsonthe
IAR0andIAR1registerswillresultinnoactualreadorwriteoperationtotheseregistersbutrather
tothememorylocationspecifiedbytheircorrespondingMemoryPointer,MP0orMP1.Actingas
apair,IAR0andMP0cantogetheronlyaccessdatafromBank0,whiletheIAR1andMP1register
paircanaccessdatafrombothBank0andBank1.AstheIndirectAddressingRegistersarenot
physicallyimplemented,readingtheIndirectAddressingRegistersindirectlywillreturnaresultof
"00H"andwritingtotheregistersindirectlywillresultinnooperation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com