Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M9BA Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT82M9BA
Description  USB Mouse Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M9BA Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT82M9BA Datasheet HTML 15Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 16Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 17Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 18Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 19Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 20Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 21Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 22Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
HT82M9BE/HT82M9BA
Rev. 1.80
19
December 22, 2008
The MISC register is actually a command + status to control the desired FIFO action and to show the status of the de-
sired FIFO. Every bit
¢s meaning and usage are listed as follows:
Bit No.
Function
Read/Write
Register Address
7
Len0
R/W
01000110B
6
Ready
R
5
Set CMD
R/W
4
Sel_pipe1
R/W
3
Sel_pipe0
R/W
2
Clear
R/W
1Tx
R/W
0
Request
R/W
MISC (46H) Registers Table
Function
Name
Read/Write
Description
Request
R/W
After setting the other desired status, FIFO can be requested by setting this bit high ac-
tive. After work has been done, this bit must be set low.
Tx
R/W
Represents the direction and transition end of the MCU accesses. When being set as
logic 1, the MCU wants to write data to FIFO. After work has been done, this bit must be
set to logic 0 before terminating the request to represent a transition end. For reading
action, this bit must be set to logic 0 to indicate that the MCU wants to read and must be
set to logic 1 after work is done.
Clear
R/W
Represents MCU clear requested FIFO, even if FIFO is not ready.
Sel_pipe1
Sel_pipe0
R/W
Determines which FIFO is desired,
²00² for FIFO0, ²01² for FIFO1, ²10² for FIFO 2 and
²11² for FIFO3
Set CMD
R/W
Shows that the data in FIFO is setup as command. This bit will be cleared by firmware.
So, even if the MCU is busy, nothing is missed by the SETUP command from the host.
Ready
R
Indicates that the desired FIFO is ready to work.
Len0
R/W
Indicates that the host sent a 0-sized packet to the MCU. This bit must be cleared by a
read action to the corresponding FIFO. Also, this bit will be cleared by the USB SIE after
the next valid SETUP token is received.
MISC Function Table
The HT82M9BE/HT82M9BA have two 8
´8 bidirectional
FIFO for the three endpoints (control and Interrupt).
User can easily read/write the FIFO data by accessing
the corresponding FIFO pointer register (FIFO0, FIFO1,
FIFO2, FIFO3). The following are two examples for
reading and writing the FIFO data:
HT82M9BE/HT82M9BA FIFO is read by packet. To read
from FIFO, the following should be followed:
· Select one set of FIFO, set in the read mode (MISC
TX bit = 0), and set the REQ bit to
²1².
· Check the ready bit until the status = 1
· Read through the FIFO pointer register, and record
the data number that has been read.
· Repeat steps 2 and 3 until the ready bit becomes 0
which indicates the end of the FIFO data reading.
· Set MISC TX bit = 1
· Clear the REQ bit to 0. Complete reading.
User reads the data through the FIFO pointer register,
user has to record the number of bytes to be read.
The HT82M9BE/HT82M9BA allows a maximum of 8
bytes of data in each packet.
The HT82M9BE/HT82M9BA FIFO is written by packet.
To write to FIFO, the following should be followed:
· Select a set of FIFO, set in the write mode (MISC TX
bit = 1), and set the REQ bit to
²1²
· Check the ready bit until the status = 1
· Write through the FIFO pointer register and take down
the data number that has been written
· Repeat steps 2 and 3 until writing is complete or the
ready bit becomes 0 which indicates that the FIFO no
longer allows any data writing.
· Set MISC TX bit = 0
· Clear the REQ bit to 0. Complete writing.
User writes the data through the FIFO pointer register,
user has to record the number of bytes that have been
written. The HT82M9BE/HT82M9BA allows a maximum
of 8 bytes of data in each packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com