Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M9BA Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT82M9BA
Description  USB Mouse Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M9BA Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT82M9BA Datasheet HTML 16Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 17Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 18Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 19Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 20Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 21Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 22Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 23Page - Holtek Semiconductor Inc HT82M9BA Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
HT82M9BE/HT82M9BA
Rev. 1.80
20
December 22, 2008
There are some timing constrains and usages illustrated here. By setting the MISC register, the MCU can perform read-
ing, writing and clearing actions. There are some examples shown in the following table for endpoint FIFO reading, writ-
ing and clearing.
Actions
MISC Setting Flow and Status
Read FIFO0 sequence
00H
®01H®delay of 2ms, check 41H®read* from FIFO0 register
and check if not ready (01H)
®03H®02H
Write FIFO1 sequence
0AH
®0BH®delay of 2ms, check 4BH®write* to FIFO1 register and
check if not ready (0BH)
®09H®08H
Check whether FIFO0 can be read or not
00H
®01H®delay of 2ms, check 41H (if ready) or 01H (if not ready)
®00H
Check whether FIFO1 can be written to or not
0AH
®0BH®delay of 2ms, check 4BH (if ready) or 0BH (if not ready)
®0AH
Write 0-sized packet sequence to FIFO 0
02H
®03H®delay of 2ms, check 43H®01H®00H
Note: *: There are 2
ms gap existing between 2 reading actions or between 2 writing actions
Register Name
R/W
Register Address
Bit7~Bit0
FIFO0
R/W
01001000B
Data7~Data0
FIFO1
R/W
01001001B
Data7~Data0
FIFO2
R/W
01001010B
Data7~Data0
FIFO3
R/W
01001011B
Data7~Data0
FIFO Register Address Table
USB Active Pipe Timing
The USB active pipe accessed by the host cannot be used by the MCU simultaneously. When the host finishes its work,
the signal, a USB_INT will be produced to tell the MCU that the pipe can be used and the acted pipe No. will be shown
in the signal, ACT_PIPE as well. The timing is illustrated in the figure below.
USB Active Pipe Timing
U S B _ I N T
A C T _ P I P E
L a s t A c t e d P i p e
Suspend Wake-Up and Remote Wake-Up
If there is no signal on the USB bus for over 3ms, the
HT82M9BE/HT82M9BA will go into a suspend mode.
The Suspend line (bit 0 of the USC) will be set to 1 and a
USB interrupt is triggered to indicate that the
HT82M9BE/HT82M9BA should jump to the suspend
state to meet the 500
mA USB suspend current spec.
In order to meet the 500
mA suspend current, the pro-
grammer should disable the USB clock by clearing the
USBCKEN (bit3 of the SCC) to
²0². The suspend cur-
rent is 400
mA.
When the resume signal is sent out by the host, the
HT82M9BE/HT82M9BA will wake-up the MCU by USB
interrupt and the Resume line (bit 3 of the USC) is set. In
order to make the HT82M9BE/HT82M9BA function
properly, the programmer must set the USBCKEN (bit 3
of the SCC) to 1 and clear the SUSP2 (bit4 of the SCC).
Since the Resume signal will be cleared before the Idle
signal is sent out by the host and the Suspend line (bit 0
of the USC) is going to
²0². So when the MCU is detect-
ing the Suspend line (bit0 of the USC), the Resume line
should be remembered and taken into consideration.
After finishing the resume signal, the suspend line will
go inactive and a USB interrupt is triggered. The follow-
ing is the timing diagram:
The device with remote wake-up function can wake-up
the USB Host by sending a wake-up pulse through
RMWK (bit 1 of USC). Once the USB Host receive the
wake-up signal from the HT82M9BE/HT82M9BA, it will
S U S P E N D
U S B R e s u m e S i g n a l
U S B _ I N T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com