Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82R732 Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT82R732
Description  e-Banking 8-Bit OTP MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82R732 Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT82R732 Datasheet HTML 49Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 50Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 51Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 52Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 53Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 54Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 55Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 56Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 74 page
background image
HT82R732
e-Banking 8-Bit OTP MCU
Rev. 1.00
53
October 31, 2013
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
C O M 0
C O M 1
C O M 2
A l l s e g m e n t s O F F
C O M 0 s e g m e n t s O N
C O M 1 s e g m e n t s O N
C O M 2 s e g m e n t s O N
C O M 0 , 2 s e g m e n t s O N
V A
V B
V C
V S S
C O M 0 , 3 s e g m e n t s O N
V A
V B
V C
V S S
A l l s e g m e n t s O N
N o r m a l O p e r a t i o n M o d e
D u r i n g R e s e t o r L C D O f f
C O M 0 , C O M 1 , C O M 2 , C O M 3
A l l s e g m e n t o u t p u t s
V A
V B
V C
V S S
V A
V B
V C
V S S
V A
V B
V C
V S S
C O M 3
1 F r a m e
V A
V B
V C
V S S
C O M 0 , 1 s e g m e n t s O N
C O M 3 s e g m e n t s O N
( o t h e r c o m b i n a t i o n s a r e o m i t t e d )
LCD Driver Output
- TypeB-1/4 Duty, 1/3 Bias
Note:
1. LCD power supply mode 1, VA=LVB
´1.5, VB=LVB and VC=LVB´1/2.
2. LCD power supply mode 2, VA=LVA, VB=LVA
´2/3 and VC=LVA´1/3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com