Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82R732 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82R732
Description  e-Banking 8-Bit OTP MCU
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82R732 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82R732 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOL1
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
10
20
¾
mA
IOH1
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-10
¾
mA
IOL2
LCD Common and Segment
Sink Current
3V
VOL=0.1VDD
210
420
¾mA
5V
350
700
¾mA
IOH2
LCD Common and Segment
Source Current
3V
VOH=0.9VDD
-80
-160
¾mA
5V
-180 -360
¾mA
RPH
Pull-high Resistance of I/O
Ports
3V
¾
40
100
200
k
W
5V
¾
20
50
100
k
W
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
¾
2.2V~5.5V
¾
4
¾
MHz
fHIRC
System Clock
(HIRC)
3V/5V Ta=25
°C
-1%
4
+1%
MHz
3V/5V Ta=0~70
°C
-5%
4
+5%
MHz
2.2V~
3.6V
Ta=0~70
°C
-8%
4
+8%
MHz
3.0V~
5.5V
Ta=0~70
°C
-8%
4
+8%
MHz
2.2V~
3.6V
Ta=
-40°C~85°C
-12%
4
+12%
MHz
3.0V~
5.5V
Ta=
-40°C~85°C
-12%
4
+12%
MHz
fRTC
Real Time Clock (32768 Crystal)
¾¾¾
32768
¾
Hz
fTIMER
Timer0/1 I/P Frequency
¾¾¾
¾
1
fSYS
tWDTOSC Watchdog oscillator period
3V
Ta=25
°C
45
90
180
ms
5V
32
65
130
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System start-up timer period
(wake-up from HALT)
¾
SST=0
¾
1024
¾
tSYS
SST=1
¾
16
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
tSYS
tLVR
Low Voltage Width to Reset
¾¾
120
240
480
ms
tLVDS
LVDO Stable Time
¾
For all VLVD
15
¾¾
ms
Note:
tSYS=1/fSYS
HT82R732
e-Banking 8-Bit OTP MCU
Rev. 1.00
9
October 31, 2013
Ta=25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com