Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60CTT015 Datasheet(PDF) 1 Page - International Rectifier

Part # 60CTT015
Description  TRENCH SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60CTT015 Datasheet(HTML) 1 Page - International Rectifier

  60CTT015 Datasheet HTML 1Page - International Rectifier 60CTT015 Datasheet HTML 2Page - International Rectifier 60CTT015 Datasheet HTML 3Page - International Rectifier 60CTT015 Datasheet HTML 4Page - International Rectifier 60CTT015 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TRENCH SCHOTTKY RECTIFIER
60CTT015
Bulletin PD-20506 rev. A 02/03
1
60 Amp
I
F(AV)
Rectangular waveform
60
A
Per Device
V
RRM
15
V
I
FSM
@ tp = 5 µs sine
1850
A
V
F
@ 30 Apk, T
J
= 125°C
0.28
V
(typical) per leg
T
J
range
-55to125
°C
Characteristics
Values
Units
Major Ratings and Characteristics
Description/ Features
This center tap Schottky rectifier has been optimized for low
forward voltage drop. The proprietary sub-micron
technology allows for low power loss both in forward and
reverse conduction.
125 °C T
J
operation
Center tap configuration
Low forward voltage drop
High frequency operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
www.irf.com
Case Styles
60CTT015
TO-220
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode


Similar Part No. - 60CTT015

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60CTTN015 IRF-60CTTN015 Datasheet
74Kb / 5P
TRENCH SCHOTTKY RECTIFIER
More results

Similar Description - 60CTT015

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60CTTN015 IRF-60CTTN015 Datasheet
74Kb / 5P
TRENCH SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com