Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60CTT015 Datasheet(PDF) 2 Page - International Rectifier

Part # 60CTT015
Description  TRENCH SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60CTT015 Datasheet(HTML) 2 Page - International Rectifier

  60CTT015 Datasheet HTML 1Page - International Rectifier 60CTT015 Datasheet HTML 2Page - International Rectifier 60CTT015 Datasheet HTML 3Page - International Rectifier 60CTT015 Datasheet HTML 4Page - International Rectifier 60CTT015 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
60CTT015
Bulletin PD-20506 rev. A 02/03
2
www.irf.com
V
FM
Max. Forward Voltage Drop
0.36
0.40
V
@ 30A
T
J
= 25°C
(Per Leg)
(1)
0.44
0.49
V
@ 60A
0.28
0.32
V
@ 30A
T
J
= 125°C
0.39
0.45
V
@ 60A
I
RM
Max. Reverse Leakage Current
2.0
3.5
mA
TJ = 25 °C
V
R
= rated V
R
(Per Leg)
(1)
450
600
mA
TJ = 125 °C
CT
Junction Capacitance (Per Leg)
2900
-
pF
VR =10VDC(test signal range100KHz to1MHz)25°C
LS
Series Inductance (Per Leg)
8.0
-
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
-
10000
V/µs
(Rated VR)
Thermal-Mechanical Specifications
I
F(AV)
Max. Average Forward
(Per Leg)
30
A
50% duty cycle @ T
C
= 105°C, rectangular wave form
Current
(Per Device)
60
I
FSM
Max. Peak One Cycle Non-Repetitive
1850
5µs Sine or 3µs Rect. pulse
Surge Current (Per Leg)
360
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
9.0
mJ
T
J
= 25 °C, I
AS
= 2 Amps, L = 4.5 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
2
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by TJ max. VA = 1.5 x VR typical
Part number
60CTT015
VR
Max. DC Reverse Voltage (V) @ T
J = 125°C
15
Voltage Ratings
T
J
Max. Junction Temperature Range
-55 to 125
°C
T
stg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC
Max. Thermal Resistance Junction
1.2
°C/W
DC operation
to Case (Per Leg)
R
thCS
Typical Thermal Resistance, Case
0.5
°C/W
Mounting surface , smooth and greased
to Heatsink
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Case Style
TO-220AB
Kg-cm
(Ibf-in)
Absolute Maximum Ratings
Parameters
Values
Units
Conditions
A
Parameters
Values
Units
Conditions
Following any rated
load condition and with
rated VRRM applied
Parameters
Typ
Max Units
Conditions
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle < 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com