Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

91C94 Datasheet(PDF) 13 Page - SMSC Corporation

Part # 91C94
Description  ISA/PCMCIA SINGLE CHIP ETHERNET CONTROLLER WITH RAM
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C94 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button 91C94 Datasheet HTML 9Page - SMSC Corporation 91C94 Datasheet HTML 10Page - SMSC Corporation 91C94 Datasheet HTML 11Page - SMSC Corporation 91C94 Datasheet HTML 12Page - SMSC Corporation 91C94 Datasheet HTML 13Page - SMSC Corporation 91C94 Datasheet HTML 14Page - SMSC Corporation 91C94 Datasheet HTML 15Page - SMSC Corporation 91C94 Datasheet HTML 16Page - SMSC Corporation 91C94 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
13
PIN NUMBER
QFP
VTQFP/
TQFP
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
96
97
94
95
Crystal 1
Crystal 2
XTAL1
XTAL2
Iclk
An external parallel resonance 20MHz
crystal should be connected across
these pins. If an external clock source
is used, it should be connected to
XTAL1 and XTAL2 should be left open
85
84
83
82
AUI Receive
RECP
RECN
Diff. Input
AUI receive differential inputs
79
78
77
76
AUI
Transmit
TXP/
nCOLL
TXN/nCRS
Diff.
Output
I
INTERNAL ENDEC - (nXENDEC pin
open). In this mode, TXP and TXN are
the AUI transmit differential outputs.
They must be externally pulled up
using 150 ohm resistors
EXTERNAL ENDEC - (nXENDEC pin
tied low). In this mode the pins are
inputs used for collision and carrier
sense functions
83
82
81
80
AUI
Collision
COLP
COLN
Diff.
Input
AUI
collision
differential
inputs.
A
collision is indicated by a 10MHz signal
at this input pair
87
86
85
84
TPE
Receive
TPERXP
TPERXN
Diff.
Input
10BASE-T receive differential inputs
77
75
75
73
TPE
Transmit
TPETXP
TPETXN
Diff.
Output
INTERNAL
ENDEC
-
10BASE-T
transmit differential outputs
74
76
72
74
TPE
Transmit
Delayed
TPETXDP
TPETXDN
Diff.
Output
10BASE-T delayed transmit differential
outputs. Used in combination with
TPETXP and TPETXN to generate the
10BASE-T transmit pre-distortion
68
66
Transmit
Clock
PWRDWN/
TXCLK
I with
pullup
INTERNAL
ENDEC
-
Powerdown
input.
It
keeps
the
LAN91C94
in
powerdown mode when high (open).
Must be low for normal operation
EXTERNAL ENDEC - Transmit clock
input from external ENDEC.
90
88
Bias
Resistor
RBIAS
Analog
Input
A 22kohm 1% resistor should be
connected between this pin and analog
ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com