Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

204GD Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 204GD
Description  3.0 MM ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

204GD Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  204GD Datasheet HTML 1Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 2Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 3Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 4Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 5Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data Sheet
3.0mm Round Type LED Lamps
204GD
Electro-Optical Characteristics (Ta=25℃)
Symbol
Min.
Typ.
Max.
Unit
VF
IF=
20
mA
1.7
2.1
2.4
V
IR
VR=5
V
//
10
μA
Iv
IF=
10
mA
4.0
10.0
/
mcd
2θ1/2
IF=20
mA
/
70
/
deg
λp
IF=20
mA
/
565
/
nm
λd
IF=20
mA
/
570
/
nm
△λ
IF=20
mA
/
30
/
nm
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
2
Page: 3 of 6
Device Number :
CDLE-020-522
Prepared date:
Prepared by:
Caixia wu
Luminous Intensity
Viewing Angle
Parameter
Condition
Forward Voltage
Reverse Current
Peak Wavelength
2004/6/23
Dominant Wavelength
Spectrum Radiation
Bandwidth



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com