Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

204GD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 204GD
Description  3.0 MM ROUND TYPE LED LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

204GD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  204GD Datasheet HTML 1Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 2Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 3Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 4Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 5Page - List of Unclassifed Manufacturers 204GD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data Sheet
3.0mm Round Type LED Lamps
204GD
Package Dimensions
Notes: 1.All dimensions are in millimetres
2. An epoxy meniscus may extend about 1.5mm(0.059'') down to the lead.
3. Tolerances unless Dimension ±0.25mm.
█ Absolute Maximum Ratings at Ta = 25℃
Parameter
Symbol
Rating
Unit
Forward Current
IF
30
mA
Operating Temperature
Topr
-40 to +85
℃
Storage Temperature
Tstg
-40 to +100
℃
Soldering Temperature
Tsol
260 ± 5
℃
Power Dissipation
Pd
100
mW
Peak Forward Current
IF(Peak)
160
mA
Reverse Voltage
VR
5V
Note: *1:IFP Conditions --Pulse Width ≦ 1msec and Duty ≦ 1/10.
*2:Soldering time ≦ 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD.
http//www.everlight.com
Rev.: 2
Page: 2 of 6
Device Number :
CDLE-020-522
Prepared date:
2004/6/23
Prepared by:
Caixia wu



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com