Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8737 Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM8737
Description  Stereo ADC with Microphone Preamplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8737 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM8737 Datasheet HTML 7Page - Cirrus Logic WM8737 Datasheet HTML 8Page - Cirrus Logic WM8737 Datasheet HTML 9Page - Cirrus Logic WM8737 Datasheet HTML 10Page - Cirrus Logic WM8737 Datasheet HTML 11Page - Cirrus Logic WM8737 Datasheet HTML 12Page - Cirrus Logic WM8737 Datasheet HTML 13Page - Cirrus Logic WM8737 Datasheet HTML 14Page - Cirrus Logic WM8737 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Production Data
WM8737L
w
PD, Rev 4.4, January 2012
11
SIGNAL TIMING REQUIREMENTS
SYSTEM CLOCK TIMING
MCLK
t
MCLKL
t
MCLKH
t
MCLKY
Figure 1 System Clock Timing Requirements
Test Conditions
DBVDD = 3.3V, DCVDD = 1.42 to 3.6V, DGND = 0V, TA = +25
oC, Slave Mode fs = 48kHz, MCLK = 256fs, 24-bit data, unless
otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
System Clock Timing Information
MCLK System clock pulse width high
TMCLKL
13
ns
MCLK System clock pulse width low
TMCLKH
13
ns
MCLK System clock cycle time
TMCLKY
26
ns
AUDIO INTERFACE TIMING – MASTER MODE
BCLK
(Output)
ADCDAT
ADCLRC
(Output)
t
DL
t
DDA
Figure 2 Digital Audio Data Timing – Master Mode (see Control Interface)
Test Conditions
DBVDD = 3.3V, DCVDD = 1.42 to 3.6V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, MCLK = 256fs, 24-bit data, unless
otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
ADCLRC propagation delay from BCLK falling edge
tDL
0
10
ns
ADCDAT propagation delay from BCLK falling edge
tDDA
0
10
ns
AUDIO INTERFACE TIMING – SLAVE MODE
BCLK
ADCLRC
t
BCH
t
BCL
t
BCY
ADCDAT
t
LRSU
t
LRH
t
DD
Figure 3 Digital Audio Data Timing – Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com