Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8737 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8737
Description  Stereo ADC with Microphone Preamplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8737 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8737 Datasheet HTML 17Page - Cirrus Logic WM8737 Datasheet HTML 18Page - Cirrus Logic WM8737 Datasheet HTML 19Page - Cirrus Logic WM8737 Datasheet HTML 20Page - Cirrus Logic WM8737 Datasheet HTML 21Page - Cirrus Logic WM8737 Datasheet HTML 22Page - Cirrus Logic WM8737 Datasheet HTML 23Page - Cirrus Logic WM8737 Datasheet HTML 24Page - Cirrus Logic WM8737 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Production Data
WM8737L
w
PD, Rev 4.4, January 2012
21
Note: The 3D enhancement function is not supported at sample frequencies of 88.2kHz, 88.235kHz,
and 96kHz. When using these sample frequencies the 3D enhancement function should be bypassed
by first setting register R13 (0Dh) to 1_110x_xxxx (1C0h), where x_xxxx represents the required
values for the ALC in the application, and then setting register R28 (1Ch) to 0_0000_0100 (004h).
Note that the above sequence uses test bits that are not documented and the use of these test bits,
other than as described above, is not recommended and is not supported.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
3D Control
0
3DEN
0
3D function enable
0: disable
1: enable
4:1
3DDEPTH[3:0]
0000
Stereo depth
0000: 0% (minimum 3D effect)
0001: 6.67%
....
1110: 93.3%
1111: 100% (maximum 3D effect)
5
3DUC
0
Upper Cut-off frequency
0 = High (2.2kHz at 48kHz sampling)
1 = Low (1.5kHz at 48kHz sampling)
6
3DLC
0
Lower Cut-off frequency
0 = Low (200Hz at 48kHz sampling)
1 = High (500Hz at 48kHz sampling)
7
DIV2
0
ADC 6dB attenuate enable
0: disabled (0dB)
1: -6dB enabled
Table 11 Stereo Enhancement Control
AUTOMATIC LEVEL CONTROL (ALC)
The WM8737L has an automatic level control that aims to keep a constant recording volume
irrespective of the input signal level. This is achieved by continuously adjusting the PGA gain so that
the signal level at the ADC input remains constant. A digital peak detector monitors the ADC output
and changes the PGA gain if necessary.
hold
time
decay
time
attack
time
input
signal
signal
after
ALC
PGA
gain
ALC
target
level
Figure 8 ALC Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com