Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8740 Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8740 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM8740 Datasheet HTML 7Page - Cirrus Logic WM8740 Datasheet HTML 8Page - Cirrus Logic WM8740 Datasheet HTML 9Page - Cirrus Logic WM8740 Datasheet HTML 10Page - Cirrus Logic WM8740 Datasheet HTML 11Page - Cirrus Logic WM8740 Datasheet HTML 12Page - Cirrus Logic WM8740 Datasheet HTML 13Page - Cirrus Logic WM8740 Datasheet HTML 14Page - Cirrus Logic WM8740 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
WM8740
Production Data
w
PD, Rev 4.4, April 2010
11
In a real application the designer is unlikely to have control of the relative power up sequence of
AVDD and DVDD. Using the POR circuit to monitor VMIDLL ensures a reasonable delay between
applying power to the device and Device Ready.
Figure 5 and Figure 6 show typical power up scenarios in a real system. Both AVDD and DVDD must
be established and VMIDL must have reached the threshold Vporr before the device is ready and can
be written to. Any writes to the device before Device Ready will be ignored.
Figure 5 shows DVDD powering up before AVDD. Figure 6 shows AVDD powering up before DVDD.
In both cases, the time from applying power to Device Ready is dominated by the charge time of
VMIDLL. In the case where AVDD is powered long before DVDD, thus allowing VMIDL to charge
above Vporr, the PORB will not release until DVDD passes the Vpord threshold. This situation is
shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com