Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8740 Datasheet(PDF) 3 Page - Cirrus Logic

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8740 Datasheet(HTML) 3 Page - Cirrus Logic

  WM8740 Datasheet HTML 1Page - Cirrus Logic WM8740 Datasheet HTML 2Page - Cirrus Logic WM8740 Datasheet HTML 3Page - Cirrus Logic WM8740 Datasheet HTML 4Page - Cirrus Logic WM8740 Datasheet HTML 5Page - Cirrus Logic WM8740 Datasheet HTML 6Page - Cirrus Logic WM8740 Datasheet HTML 7Page - Cirrus Logic WM8740 Datasheet HTML 8Page - Cirrus Logic WM8740 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
WM8740
Production Data
w
PD, Rev 4.4, April 2010
3
PIN CONFIGURATION
16
15
14
20
19
18
17
5
6
7
1
2
3
4
13
12
11
8
9
10
BCKIN
VOUTRN
VOUTLN
LRCIN
DIN
ZERO
MUTEB
MODE
RSTB
CSBIWO
MD/DM0
MC/DM1
ML/I2S
VMIDR
VMIDL
SCLK
DIFFHW
MODE8X
AGNDR
AGNDL
AVDDR
DVDD
AVDDL
DGND
21
22
23
24
25
26
27
28
VOUTRP
AGND
VOUTLP
AVDD
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8740SEDS/V
-40
° to +85°C
28-pin SSOP
MSL2
260°C
WM8740SEDS/RV
-40
° to +85°C
28-pin SSOP
MSL2
260°C
Note:
Reel Quantity: 2,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com