Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1034 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1034
Description  ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1034 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC1034 Datasheet HTML 7Page - National Semiconductor (TI) ADC1034 Datasheet HTML 8Page - National Semiconductor (TI) ADC1034 Datasheet HTML 9Page - National Semiconductor (TI) ADC1034 Datasheet HTML 10Page - National Semiconductor (TI) ADC1034 Datasheet HTML 11Page - National Semiconductor (TI) ADC1034 Datasheet HTML 12Page - National Semiconductor (TI) ADC1034 Datasheet HTML 13Page - National Semiconductor (TI) ADC1034 Datasheet HTML 14Page - National Semiconductor (TI) ADC1034 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
20 Functional Description (Continued)
occur there will be an uncertainty as to which SCLK rising
edge will clock in the first bit of data CS must remain low
during the complete IO exchange Also OE needs to be
low if data from the previous conversion needs to be ac-
cessed
231 CS LOW CONTINUOUSLY
Another way to accomplish synchronous serial communica-
tion is to tie CS low continuously and use SARS and SCLK to
synchronize the serial data exchange SCLK can be disabled
low during the conversion time and enabled after SARS
goes low With CS low during the conversion time a zero will
remain on DO until the conversion is completed Once the
conversion is complete the falling edge of SARS will shift
out on DO the MSB before SCLK is enabled This MSB
would be a leading zero if right-justified or D9 if left-justified
The rest of the data will be shifted out once SCLK is enabled
as discussed previously If CS goes high during the conver-
sion sequence DO is put into TRI-STATE and the conver-
sion result is not affected so long as CS remains high until
the end of the conversion
24 TYING SCLK and CCLK TOGETHER
SCLK and CCLK can be tied together The total conversion
time will increase because the maximum clock frequency is
now 1 MHz The timing diagrams and the serial IO ex-
change time (10 SCLK cycles) remain the same but the con-
version time (TC e 41 CCLK cycles) lengthens from a mini-
mum of 14 ms to a minimum of 41 ms In the case where CS
is low continuously since the applied clock cannot be dis-
abled SARS must be used to synchronize the data output
on DO and initiate a new conversion The falling edge of
SARS sends the MSB information out on DO The next ris-
ing edge of the clock shifts in MUX address bit A2 on DI
The following clock falling edge will clock the next data bit
of information out on DO A conversion will be started after
MUX addressing information has been loaded in (3 more
clocks) and the analog sampling time (45 clocks) has
elapsed The ADC1031 does not have SARS Therefore CS
cannot be left low continuously on the ADC1031
30 Analog Considerations
31 THE INPUT SAMPLE AND HOLD
The ADC103148’s samplehold capacitor is implemented
in its capacitive ladder structure After the channel address
is received the ladder is switched to sample the proper ana-
log input This sampling mode is maintained for 45 SCLK
cycles after the multiplexer addressing information is loaded
in For the ADC103148 the sampling of the analog input
starts on SCLK’s 4th rising edge
TLH10556 – 18
FIGURE 1 Analog Input Model
An acquisition window of 45 SCLK cycles is available to
allow the ladder capacitance to settle to the analog input
voltage Any change in the analog voltage before or after
the acquisition window will not effect the AD conversion
result
In the most simple case the ladder’s acquisition time is de-
termined by the Ron (9 kX) of the multiplexer switches the
CS1 (35 pF) and the total ladder (CL) and stray (CS2) capac-
itance (48 pF) For large source resistance the analog input
can be modeled as an RC network as shown in
Figure 1
The values shown yield an acquisition time of about 3 ms for
10 bit accuracy with a zero to a full scale change in the
reading External source resistance and capacitance will
lengthen the acquisition time and should be accounted for
The curve ‘‘Signal to Noise Ratio vs Output Frequency’’
(Figure 2) gives an indication of the usable bandwidth of the
ADC1031ADC1034ADC1038 The signal to noise ratio of
an ideal AD is the ratio of the RMS value of the full scale
input signal amplitude to the value of the total error ampli-
tude (including noise) caused by the transfer function of the
AD An ideal 10 bit AD converter with a total unadjusted
error of 0 LSB would have a signal to noise ratio of about
62 dB which can be derived from the equation
SN e 602(N) a 18
where SN is in dB and N is the number of bits
Figure 2
shows the signal to noise ratio vs input frequency of a typi-
cal ADC103148 with
LSB total unadjusted error The
dotted lines show signal-to-noise ratios for an ideal (noise-
less) 10 bit AD with 0 LSB error and an AD witha1LSB
error
The sample-and-hold error specifications are included in the
error and timing specifications of the AD The hold step
and gain error samplehold specs are taken into account in
the ADC103148’s total unadjusted error specification
while the hold settling time is included in the AD’s maxi-
mum conversion time specification The hold droop rate can
be thought of as being zero since an unlimited amount of
time can pass between a conversion and the reading of
data However once the data is read it is lost and another
conversion is started
32 INPUT FILTERING
Due to the sampling nature of the analog input transients
will appear on the input pins They are caused by the ladder
capacitance and internal stray capacitance charging current
flowing into VIN These transients will not degrade the AD’s
performance if they settle out within the sampling window
This will occur if external source resistance is kept to a mini-
mum
TLH10556 – 19
FIGURE 2 ADC103148 Signal to
Noise Ratio vs Input Frequency
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com