Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1034 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1034
Description  ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1034 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  ADC1034 Datasheet HTML 1Page - National Semiconductor (TI) ADC1034 Datasheet HTML 2Page - National Semiconductor (TI) ADC1034 Datasheet HTML 3Page - National Semiconductor (TI) ADC1034 Datasheet HTML 4Page - National Semiconductor (TI) ADC1034 Datasheet HTML 5Page - National Semiconductor (TI) ADC1034 Datasheet HTML 6Page - National Semiconductor (TI) ADC1034 Datasheet HTML 7Page - National Semiconductor (TI) ADC1034 Datasheet HTML 8Page - National Semiconductor (TI) ADC1034 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Absolute Maximum Ratings (Notes13)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
65V
Voltage at Inputs and Outputs
b
03V to VCC a 03V
Input Current at Any Pin (Note 4)
g
5mA
Package Input Current (Note 4)
g
20 mA
Package Dissipation
at TA e 25 C (Note 5)
500 mW
ESD Susceptability (Note 6)
2000V
Soldering Information
N Package (10 sec)
260 C
J Package (10 sec)
300 C
SO Package (Note 7)
Vapor Phase (60 sec)
215 C
Infrared (15 sec)
220 C
Storage Temperature
b
65 Cto a150 C
Operating Ratings (Notes23)
Temperature Range
TMIN s TA s TMAX
ADC1031CIN
b
40 C s TA s a85 C
ADC1034CIN
ADC1034CIWM
ADC1038CIN
ADC1038CIWM
ADC1034CMJ ADC1038CMJ
b
55 C s TA s a125 C
Supply Voltage (VCC)
475 VDC to 525 VDC
Reference Voltage
(VREF e VREFa b VREFb)
20 VDC to VCC a 005V
Electrical Characteristics
The following specifications apply for VCC ea50V VREF ea46V fS e 700 kHz and fC e 3 MHz unless otherwise
specified Boldface limits apply for TA e TJ e TMIN to TMAX all other limits TA e TJ e 25 C
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 8)
(Note 9)
(Limits)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
Total Unadjusted
CIN CIWM CMJ
(Note 10)
g
1
LSB (max)
Error
Differential Linearity
10
Bits (min)
RREF
Reference Input Resistance
8
kX
5
kX (min)
11
kX (max)
VREF
Reference Voltage
(VCC a 005)
V (max)
VIN
Analog Input Voltage
(Note 11)
(VCC a 005)
V (max)
(GND b 005)
V (min)
On Channel Leakage Current
On Channel e 5VDC
50
200
nA (max)
Off Channel e 0VDC
500
nA (max)
(Note 12)
On Channel e 0VDC
50
b
200
nA (max)
Off Channel e 5VDC
b
500
nA (max)
Off Channel Leakage Current
On Channel e 5VDC
50
b
200
nA (max)
Off Channel e 0VDC
b
500
nA (max)
(Note 12)
On Channel e 0VDC
50
200
nA (max)
Off Channel e 5VDC
500
nA (max)
Power Supply
Zero Error
475 VDC s VCC s 525 VDC
g
14
LSB (max)
Sensitivity
Full Scale Error
g
14
LSB (max)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com