Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M0519 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 35Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 36Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 37Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 38Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 39Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 40Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 41Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 42Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
M0519
Nov. 02, 2016
Page 39 of 69
Rev 1.02
General Purpose I/O (GPIO)
6.5
6.5.1
Overview
The NuMicro
® M0519 Series has up to 82 General Purpose I/O pins to be shared with other
function pins depending on the chip configuration. These 82 pins are arranged in 10 ports named
as P0, P1, P2, P3, P4, P5, P6, P7, P8, P9 and PA. The P0/1/2/3/4/5/6/7/8/9 port has the
maximum of 8 pins and PA port has the maximum of 2 pins. Each of the 82 pins is independent
and has the corresponding register bits to control the pin mode function and data.
The I/O type of each of I/O pins can be configured by software individually as input, output, open-
drain or Quasi-bidirectional mode. After reset, the I/O mode of all pins are stay at input mode. In
Quasi-bidirectional mode, I/O pin has a very weak individual pull-up resistor which is about
110~300 K
 for V
DD is from 5.0 V to 2.5 V.
6.5.2
Features
Four I/O modes:
Quasi-bidirectional
Push-Pull output
Open-Drain output
Input only with high impendence
TTL/Schmitt trigger input selectable by Px_TYPE[7:0] in Px_MFP[23:16]
I/O pin configured as interrupt source with edge/level setting
I/O pin internal pull-up resistor enabled only in Quasi-bidirectional I/O mode
Enabling pin interrupt function will also enable the pin wake-up function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com