Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M0519 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # M0519
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button M0519 Datasheet HTML 3Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 4Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 5Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 6Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 7Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 8Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 9Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 10Page - List of Unclassifed Manufacturers M0519 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
M0519
Nov. 02, 2016
Page 7 of 69
Rev 1.02
2
FEATURES
 Core
–
ARM
® Cortex® -M0 core running up to 72 MHz
–
One 24-bit system timer
–
Supports Low Power Sleep mode by WFI instructions
–
Single-cycle 32-bit hardware multiplier
–
Supports programmable 4 level priorities of Nested Vectored Interrupt Controller
(NVIC)
–
Supports Serial Wire Debug (SWD) support with two watchpoints and four breakpoints
 Built-in LDO for wide operating voltage ranged from 2.5V to 5.5V
 Memory
–
128K/64K bytes Flash for program memory (APROM)
–
4KB Flash for data memory (Data Flash)
–
8KB Flash for loader (LDROM)
–
Supports In-system program (ISP) and In-application program (IAP) application code
update
–
Supports 2-wired ICP update through SWD/ICE interface
–
Supports fast parallel programming mode by external programmer
–
16K bytes embedded SRAM
 Clock Control
–
Built-in 22.1184 MHz internal high speed RC oscillator (HIRC) for system operation
(variation < 2% at -40
˚C ~ +105˚C)
–
Built-in 10 kHz internal low speed RC oscillator (LIRC) for Watchdog Timer and wake-
up operation
–
Built-in 4~24 MHz external high speed crystal oscillator (HXT) for precise timing
operation
–
Supports one PLL up to 72 MHz for high performance system operation, sourced from
HIRC and HXT
–
Supports clock output
 Hardware divider
–
Supports
signed 32-bit dividend, 16-bit divisor operation
 GPIO port
–
Four I/O modes:
–
TTL/Schmitt trigger input selectable
–
Bit control available
–
I/O pin configured as interrupt source with edge/level trigger setting
–
Supports high driver and high sink current I/O (up to 16 mA at 5V)
–
INT0 and INT1 pins with individual interrupt vectors
–
Supports up to 82/51/38 GPIOs for LQFP100/64/48 respectively
 Timers
–
Supports 4 sets of 32-bit timers with 24-bit up-timer and one 8-bit prescale counter
–
Provides One-shot, Periodic, Toggle and Continuous Counting operation modes
–
Supports event counting function to count the event from external pin
 Watchdog Timer
–
Supports multiple clock sources from LIRC(default selection) and HCLK/2048
–
8 selectable time-out period from 1.6ms ~ 26.0sec (depending on clock source)
–
Able to wake up from Power-down or Idle mode
–
Interrupt or reset selectable on watchdog time-out
–
Time-out reset delay period time can be selected
 Window Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com