Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M0519LE3AE Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # M0519LE3AE
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519LE3AE Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button M0519LE3AE Datasheet HTML 23Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 24Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 25Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 26Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 27Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 28Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 29Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 30Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
M0519
Nov. 02, 2016
Page 27 of 69
Rev 1.02
6.2.3
System Power Distribution
In this chip, the power distribution is divided into two segments.
Analog power from AVDD and AVSS provides the power for analog components
operation.
Digital power from VDD and VSS supplies the power to the I/O pins and internal
regulator which provides a fixed 1.8V power for digital operation.
The output of internal voltage regulators, LDO_CAP, requires an external capacitor which should
be located close to the corresponding pin. Analog power (AVDD) should be the same voltage level
of the digital power (VDD).
12-bit
SAR-ADC
Brown-
out
Detector
Low
Voltage
Reset
Analog
Comparator
Temperature
Seneor
FLASH
Digital Logic
Internal
22.1184 MHz & 10 kHz
Oscillator
AVDD
AVSS
LDO_CAP
1uF
GPIO
LDO
PLL
POR50
POR18
IO cell
1.8V
OPA
4~24MHz
Crystal
XT1_IN
XT1_OUT
Figure 6-2 NuMicro
® M0519 Series Power Distribution Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com