Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M0519LE3AE Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # M0519LE3AE
Description  32-bit Microcontroller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519LE3AE Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button M0519LE3AE Datasheet HTML 34Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 35Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 36Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 37Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 38Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 39Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 40Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 41Page - List of Unclassifed Manufacturers M0519LE3AE Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
M0519
Nov. 02, 2016
Page 38 of 69
Rev 1.02
Flash Memory Controller (FMC)
6.4
6.4.1
Overview
The NuMicro
® M0519 Series is equipped with 128/64 KB on-chip embedded flash for application
program memory (APROM) and data flash, and with 8K bytes for ISP loader program memory
(LDROM) that could be programmed boot loader to update APROM and data flash through In
System Programming (ISP) procedure. ISP function enables user to update embedded flash
when chip is soldered on PCB. After chip is powered on, Cortex
® -M0 CPU fetches code from
APROM or LDROM decided by boot select CBS (Config0[7:6]). By the way, the NuMicro
® M0519
Series also provides data flash for user to store some application dependent data before chip
power off. For 128 KB APROM device, the data flash is shared with original 128 KB program
memory and its start address is configurable in Config1. For 64 KB APROM device, the data flash
is fixed at 4K bytes.
6.4.2
Features
Runs up to 72 MHz and optional up to 50 MHz with zero wait state for continuous address
read access
Supports 512 bytes page erase for all embedded flash
Supports 128/64 Kbytes application program ROM (APROM)
Supports 8 KB loader ROM (LDROM)
Supports 4KB data flash for 64 Kbytes APROM device
Supports configurable data flash size for 128KB APROM device
Supports 8 bytes User Configuration block to control system initiation
Support In-System-Programming (ISP) / In-Application-Programming (IAP) to update
embedded flash memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com