Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3247 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG3247
Description  2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3247 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG3247 Datasheet HTML 2Page - Analog Devices ADG3247 Datasheet HTML 3Page - Analog Devices ADG3247 Datasheet HTML 4Page - Analog Devices ADG3247 Datasheet HTML 5Page - Analog Devices ADG3247 Datasheet HTML 6Page - Analog Devices ADG3247 Datasheet HTML 7Page - Analog Devices ADG3247 Datasheet HTML 8Page - Analog Devices ADG3247 Datasheet HTML 9Page - Analog Devices ADG3247 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrD
ADG3247
–6–
IO – A
0
0.01
0.5
1.0
1.5
2.0
2.5
3.0
0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10
0
VCC = 3.3V; SEL = 0V
VCC = SEL = 3.3V
VCC = SEL = 2.5V
TA = 25 C
VA = 0V
BE = 0
TPC 10. Output Low Characteristic
FREQUENCY – MHz
0
0.03
0.1
1000
–2
110
100
–4
–6
–8
–10
–12
TA = 25 C
VCC = 3.3V/2.5V
SEL = V
CC
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50
–14
TPC 13. Bandwidth vs. Frequency
TEMPERATURE – C
0
–40
0.5
1.5
2.5
3.5
–20
0
20
40
60
80
100
ENABLE
DISABLE
ENABLE
DISABLE
VCC = SEL = 3.3V
VCC = 3.3V, SEL = 0V
3.0
2.0
1.0
TPC 16. Enable/Disable Time
vs. Temperature
IO – A
0
–0.10
0.5
1.0
1.5
2.0
2.5
3.0
0
TA = 25 C
VA = VCC
BE = 0
–0.09 –0.08 –0.07 –0.06 –0.05 –0.04 –0.03 –0.02 –0.01
VCC = SEL = 2.5V
VCC = 3.3V; SEL = 0V
VCC = SEL = 3.3V
TPC 11. Output High Characteristic
FREQUENCY – MHz
0.03
0.1
1000
110
100
–80
–90
–70
–60
–50
–40
–30
–20
–100
TA = 25 C
VCC = 3.3V/2.5V
SEL = V
CC
ADJACENT CHANNELS
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50
TPC 14. Crosstalk vs. Frequency
TEMPERATURE – C
0
–40
0.5
1.5
2.5
–20
0
20
40
60
80
100
ENABLE
DISABLE
VCC = SEL = 2.5V
2.0
1.0
TPC 17. Enable/Disable Time
vs. Temperature
VA/VB – V
–2.0
0
0.5
–1.0
–0.2
1.5
2.5
–0.4
–0.6
–0.8
–1.2
–1.4
–1.8
1.0
2.0
3.0
–1.6
0
VCC = 3.3V
VCC = 2.5V
TA = 25 C
SEL = V
CC
ON
OFF
CL = InF
TPC 12. Charge Injection vs.
Source Voltage
FREQUENCY – MHz
0.03
0.1
1000
110
100
–80
–90
–70
–60
–50
–40
–30
–20
TA = 25 C
VCC = 3.3V/2.5V
SEL = V
CC
VIN = 0dBm
N/W ANALYZER:
RL = RS = 50
–100
TPC 15. Off Isolation vs.
Frequency
DATA RATE – GBPS
0.5 0.6
60
70
80
90
100
50
0.7 0.8 0.9
1.1 1.2 1.3 1.4 1.5
1.0
40
30
20
10
0
VCC = SEL = 3.3V
VIN = 2V p-p
20dB ATTENUATION
TPC 18. Jitter vs. Data Rate;
PRBS 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com