Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG3247 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG3247
Description  2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3247 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG3247 Datasheet HTML 4Page - Analog Devices ADG3247 Datasheet HTML 5Page - Analog Devices ADG3247 Datasheet HTML 6Page - Analog Devices ADG3247 Datasheet HTML 7Page - Analog Devices ADG3247 Datasheet HTML 8Page - Analog Devices ADG3247 Datasheet HTML 9Page - Analog Devices ADG3247 Datasheet HTML 10Page - Analog Devices ADG3247 Datasheet HTML 11Page - Analog Devices ADG3247 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrD
ADG3247
–11–
OUTLINE DIMENSIONS
40-Lead Frame Chip Scale Package [LFCSP]
(CP-40)
Dimensions shown in millimeters
1
40
10
11
31
30
21
20
BOTTOM
VIEW
4.25
3.70 SQ
1.75
TOP
VIEW
6.00
BSC SQ
PIN 1
INDICATOR
5.75
BSC SQ
12 MAX
0.30
0.23
0.18
0.20 REF
SEATING
PLANE
1.00
0.90
0.80
0.05 MAX
0.02 NOM
COPLANARITY
0.08
1.00 MAX
0.65 NOM
4.50
REF
0.50
0.40
0.30
0.50
BSC
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
COMPLIANT TO JEDEC STANDARDS MO-220-VJJD-2
38-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-38)
Dimensions shown in millimeters
38
20
19
1
9.80
9.70
9.60
PIN 1
SEATING
PLANE
0.15
0.05
0.50
BSC
1.20
MAX
0.27
0.17
0.20
0.09
8
0
4.50
4.40
4.30
6.40 BSC
0.70
0.60
0.45
COMPLIANT TO JEDEC STANDARDS MO-153BD-1
COPLANARITY
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com