Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N79E855 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # N79E855
Description  Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N79E855 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button N79E855 Datasheet HTML 17Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 18Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 19Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 20Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 21Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 22Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 23Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 24Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 180 page
background image
N79E855/854 Data Sheet
April 23, 2014
Page 21 of 180
Revision A2.5
Table 7–2 N79E855/854 SFR Description and Reset Values
Symbol
Definition
Address
MSB
LSB
Reset Value
[1]
TL2
Timer 2 LSB
CCH
TL2[7:0]
0000 0000B
RCOMP2H
Timer 2 Reload MSB
CBH
RCOMP2H[7:0]
0000 0000B
RCOMP2L
Timer 2 Reload LSB
CAH
RCOMPL2[7:0]
0000 0000B
T2MOD
Timer 2 Mode
C9H
LDEN
T2DIV[2:0]
CAPCR
COMPCR
LDTS[1:0]
0000 0000B
T2CON
Timer 2 Control
C8H
(CF)
TF2
-
-
-
-
(CA)
TR2
-
(C8)
RL2
CP/
0000 0000B
TA
Timed Access Protection
C7H
1111 1111B
I2ADDR
I2C address
C1H
ADDR[7:1]
GC
0000 0000B
I2CON
I2C Control register
C0H
(C7)
-
(C6)
I2CEN
(C5)
STA
(C4)
STO
(C3)
SI
(C2)
AA
(C1)
-
(C0)
-
0000 0000B
I2TOC
I2C Time-out Counter
register
BFH
-
-
-
-
-
I2TOCEN
DIV
I2TOF
0000 0000B
I2CLK
I2C Clock Rate
BEH
I2CLK[7:0]
0000 0000B
I2STA
I2C Status Register
BDH
I2STA[7:3]
0
0
0
1111 1000B
I2DAT
I2C Data Register
BCH
I2DAT[7:0]
0000 0000B
SADEN
Slave address mask
B9H
SADEN[7:0]
0000 0000B
IP
Interrupt priority
B8H
(BF)
PCAP
(BE)
PADC
(BD)
PBOD
(BC)
PS
(BB)
PT1
(BA)
PX1
(B9)
PT0
(B8)
PX0
0000 0000B
IPH
Interrupt high priority
B7H
PCAPH
PADCH
PBODH
PSH
PT1H
PX1H
PT0H
PX0H
0000 0000B
P2M2
Port 2 output mode 2
B6H
P2M2[7:0]
0000 0000B
P2M1
Port 2 output mode 1
B5H
P2M1[7:0]
0000 0000B
P1M2
Port 1 output mode 2
B4H
P1M2.7
P1M2.6
-
P1M2.4
P1M2.3
P1M2.2
P1M2.1
P1M2.0
0000 0000B
P1M1
Port 1 output mode 1
B3H
P1M1.7
P1M1.6
-
P1M1.4
P1M1.3
P1M1.2
P1M1.1
P1M1.0
0000 0000B
P0M2
Port 0 output mode 2
B2H
P0M2[7:0]
0000 0000B
P0M1
Port 0 output mode 1
B1H
P0M1[7:0]
0000 0000b
P3
Port3
B0H
-
-
-
-
-
-
(B1)
X1
(B0)
X2
CLKOUT
0000 0011B
ISPCN
ISP Control Register
AFH
ISPA17
ISPA16
FOEN
FCEN
FCTRL3
FCTRL2
FCTRL1
FCTRL0
0011 0000B
ISPFD
ISP Flash Data Register
AEH
ISPFD[7:0]
0000 0000B
WDCON1
[4]
Watch-Dog control1
ABH
-
-
-
-
-
-
-
EWRST
0000 0000B
SADDR
Slave address
A9H
SADDR[7:0]
00000000B
IE
Interrupt enable
A8H
(AF)
EA
(AE)
EADC
(AD)
EBOD
(AC)
ES
(AB)
ET1
(AA)
EX1
(A9)
ET0
(A8)
EX0
0000 0000B
ISPAH
ISP Flash Address High-
byte
A7H
ISPAH[7:0]
0000 0000B
ISPAL
ISP Flash Address Low-
byte
A6H
ISPAL[7:0]
0000 0000B
ISPTRG
[4]
ISP Trigger Register
A4H
-
-
-
-
-
-
-
ISPGO
0000 0000B
PMCR
[2][4]
Power Monitor Control
Register
A3H
BODEN
BOV
-
BORST
BOF
-
-
-
Power-on
CC0C 100XB
BOR reset
UU0U 100XB
Other reset
UU0U 000XB
AUXR1
AUX function register
A2H
SPI_Sel
UART_Sel
-
-
DisP26
-
0
DPS
0000 0000B
P2
Port 2
A0H
(97)
P27
(96)
P26
(95)
P25
(94)
P24
(93)
P23
(92)
P22
(91)
P21
(90)
P20
1111 1111B
CHPCON
[4]
Chip Control
9FH
SWRST
ISPF
(Read only)
LDUE
-
-
-
BS
[3]
ISPEN
Power-ON
0000 00C0B
Other reset
0000 00C0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com