Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N79E855 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # N79E855
Description  Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N79E855 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button N79E855 Datasheet HTML 3Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 4Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 5Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 6Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 7Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 8Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 9Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 10Page - List of Unclassifed Manufacturers N79E855 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 180 page
background image
N79E855/854 Data Sheet
April 23, 2014
Page 7 of 180
Revision A2.5
 Watchdog Timer
Programmable Watchdog Timer
Clock source supported by internal 10 kHz
±50% accuracy RC oscillator
 Serial ports (UART, SPI, I2C)
One set of enhanced full duplex UART port with framing error detection and automatic address recognition.
Software switches two groups of UART pins
One set SPI with master/slave capability; software switches two groups of SPI pins
One set I
2C with master/slave capability
 PWM
4 channels 10-bit PWM outputs with one brake/fault input
 KBI
8-keypad interrupt inputs (KBI) with 8 falling/rising/both-edge detection pins selected by software
 ADC
10-bit A/D converter
Up to 150 Ksps.(sample per second)
8 analog input channels
 Brown-out Detector
2-level (3.8V/2.7V) BOD detector
Supports interrupt and reset options
 POR (Power-on Reset)
Threshold voltage level as 2.0V
 Built-in power management
Idle mode
Power-down mode with optionally enabled WDT functions
 Development Tools
Hardware writer
ICP programmer
ISP update APROM by UART port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com