Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7331 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS7331
Description  Miniature Bottom Port Analog MEMS Microphone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7331 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS7331 Datasheet HTML 2Page - Cirrus Logic CS7331 Datasheet HTML 3Page - Cirrus Logic CS7331 Datasheet HTML 4Page - Cirrus Logic CS7331 Datasheet HTML 5Page - Cirrus Logic CS7331 Datasheet HTML 6Page - Cirrus Logic CS7331 Datasheet HTML 7Page - Cirrus Logic CS7331 Datasheet HTML 8Page - Cirrus Logic CS7331 Datasheet HTML 9Page - Cirrus Logic CS7331 Datasheet HTML 10Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DS1165F1
9
CS7331P
6 Package Dimensions
6 Package Dimensions
7 Ordering Information
8 References
WAN0273 MEMS Mic Assembly and Handling Guidelines
WAN0284 General Design Considerations for MEMS Microphones
9 Revision History
Table 7-1. Ordering Information
Product
Description
Package
Halogen
Free
Pb
Free
Grade
Temperature
Range
Container
Order #
CS7331P Miniature Bottom Port
Analog MEMS Microphone
LGA
Yes
Yes
Commercial
–40 to +85°C
Tape and Reel 1
1.Reel quantity = 6,000 units.
CS7331P-CAZR
Table 9-1. Revision History
Revision
Changes
F1
MAR ‘17
• Current consumption and sensitivity performance plots added (Fig. 4-6, Fig. 4-7).
(0.600)
(1.500)
1.600
1.340
(2.240)
2.500
0.900
(0.230)
(R0.200)
(0.720)
0.440
2X (0.470)
0.830
0.800
0.250 0.050
(
0.650)
(
1.150)
(R0.150)
0.756
0.260
2X 1.340
2X (0.440)
0.100 C
0.150
CAB
4X
Top View
Unless otherwise specified, dimensions/tolerances are in millimeters and tolerance is
0.100
Pick Area
Side View
Bottom View
1
2
3
4
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com