Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS7331 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS7331
Description  Miniature Bottom Port Analog MEMS Microphone
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS7331 Datasheet(HTML) 3 Page - Cirrus Logic

  CS7331 Datasheet HTML 1Page - Cirrus Logic CS7331 Datasheet HTML 2Page - Cirrus Logic CS7331 Datasheet HTML 3Page - Cirrus Logic CS7331 Datasheet HTML 4Page - Cirrus Logic CS7331 Datasheet HTML 5Page - Cirrus Logic CS7331 Datasheet HTML 6Page - Cirrus Logic CS7331 Datasheet HTML 7Page - Cirrus Logic CS7331 Datasheet HTML 8Page - Cirrus Logic CS7331 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
DS1165F1
CS7331P
1 Pin Descriptions
1 Pin Descriptions
1.1 LGA Pinout
Figure 1-1. Top-Down (Through-Package) View
1.2 Pin Descriptions
A description of each pin on the CS7331P is provided in Table 1-1.
Table 1-1. Pin Descriptions
Name
Pin #
I/O
Description
VDD
1
Power supply
OUTPUT
2
O
Microphone analog output signal
GND
3
Ground
GND
4
Can be left floating (recommended), or connected to GND
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com