Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48520 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS48520
Description  Cost-effective, High-performance 32-bit DSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48520 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS48520 Datasheet HTML 13Page - Cirrus Logic CS48520 Datasheet HTML 14Page - Cirrus Logic CS48520 Datasheet HTML 15Page - Cirrus Logic CS48520 Datasheet HTML 16Page - Cirrus Logic CS48520 Datasheet HTML 17Page - Cirrus Logic CS48520 Datasheet HTML 18Page - Cirrus Logic CS48520 Datasheet HTML 19Page - Cirrus Logic CS48520 Datasheet HTML 20Page - Cirrus Logic CS48520 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
DS734F5
5.15 Switching Characteristics—Digital Audio Output (DAO) Port
Figure 5-10. Digital Audio Output Timing, Slave Mode (Relationship LRCLK to SCLK)
Table 5-2. Slave Mode (Output A0 Mode)1
1.Slave mode is defined as DAO_SCLK, DAO_LRCLK driven by an external source.
Parameter
Symbol
Min
Max
Unit
DAO_SCLK active edge to DAO_LRCLK transition
tdaosstlr
10
—
ns
DAO_LRCLK transition to DAO_SCLK active edge
tdaoslrts
10
—
ns
DAO_Dx delay from DAO_SCLK inactive edge
tdaosdv
—11
ns
DAO_SCLK
DAO_LRCLK
DAOn_DATAn
tdaosstlr
tdaosclk
DAO_SCLK
DAO_LRCLK
tdaoslrts
tdaosdv
tdaosclk
Note:
In these diagrams, Falling edge is the inactive edge of DAO_SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com