Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS48520 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS48520
Description  Cost-effective, High-performance 32-bit DSP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48520 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS48520 Datasheet HTML 14Page - Cirrus Logic CS48520 Datasheet HTML 15Page - Cirrus Logic CS48520 Datasheet HTML 16Page - Cirrus Logic CS48520 Datasheet HTML 17Page - Cirrus Logic CS48520 Datasheet HTML 18Page - Cirrus Logic CS48520 Datasheet HTML 19Page - Cirrus Logic CS48520 Datasheet HTML 20Page - Cirrus Logic CS48520 Datasheet HTML 21Page - Cirrus Logic CS48520 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
DS734F5
6 Ordering Information
6 Ordering Information
The CS485xx family part number is CS485NI-XYZR where:
•
N–Product Number Variant
•
I–ROM ID Number
•
X–Product Grade
•
Y–Package Type
•
Z–Lead (Pb) Free
•
R–Tape and Reel Packaging
Note:
Contact the factory for availability of the automotive grade package.
7 Environmental, Manufacturing, and Handling Information
Table 6-1. Ordering Information
Part No.
Grade
Temp. Range
Package
CS48520-CQZ
Commercial
0 to +70° C
48-pin LQFP
CS48540-CQZ
Commercial
0 to +70° C
CS48540-DQZ
Automotive
–40 to +85° C
CS48560-CQZ
Commercial
0 to +70° C
CS48560-DQZ
Automotive
–40 to +85° C
Table 7-1. Environmental, Manufacturing, and Handling Information
Model Number
Peak Reflow Temp
MSL Rating1
1.MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
Max Floor Life
CS48520-CQZ
260° C
3
7 days
CS48540-CQZ
CS48540-DQZ
CS48560-CQZ
CS48560-DQZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com