Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM7331 Datasheet(PDF) 5 Page - Cirrus Logic

Part # WM7331
Description  Bottom Port Analog Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7331 Datasheet(HTML) 5 Page - Cirrus Logic

  WM7331 Datasheet HTML 1Page - Cirrus Logic WM7331 Datasheet HTML 2Page - Cirrus Logic WM7331 Datasheet HTML 3Page - Cirrus Logic WM7331 Datasheet HTML 4Page - Cirrus Logic WM7331 Datasheet HTML 5Page - Cirrus Logic WM7331 Datasheet HTML 6Page - Cirrus Logic WM7331 Datasheet HTML 7Page - Cirrus Logic WM7331 Datasheet HTML 8Page - Cirrus Logic WM7331 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
WM7331E
Rev 3.2
5
ACOUSTIC AND ELECTRICAL CHARACTERISTICS
Test Conditions: VDD=1.8V, 1kHz test signal, TA = 25°C, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Directivity
Omni-directional
Polarity
Positive sound pressure
Positive output voltage
Sensitivity
S
94dB SPL
-39
-38
-37
dBV
Acoustic Overload
No Load, THD < 10%
124
dB SPL
Total Harmonic Distortion
THD
94dB SPL
0.04
%
114dB SPL
0.3
120dB SPL
1
Signal to Noise Ratio
SNR
A-weighted
63
dB
Dynamic Range
DR
A-weighted
89
dB
Frequency Response
-3dB low frequency
70
100
Hz
+3dB high frequency
15000
Frequency Response Flatness
200Hz to 8kHz
-1
+1
dB
Part-to-Part Phase Matching
80Hz to 100Hz
±10
°
200Hz
±5
Acoustic Noise Floor
A-weighted
31
dB SPL
Electrical Noise Floor
A-weighted
-101
dBV
Power Supply Rejection Ratio
PSRR
217Hz sine wave,
100mV (peak-peak)
62
dB
Power Supply Rejection
PSR
217Hz square wave,
100mV (peak-peak)
-88
dBV
Current Consumption
IVDD
55
60
µA
Output DC Impedance
ZOUT
200
400
Ω
TERMINOLOGY
1.
Sensitivity (dBV) - Sensitivity is a measure of the microphone output response to the acoustic pressure of a 1kHz 94dB SPL
(1Pa RMS) sine wave.
2.
Total Harmonic Distortion (%)
– THD is the ratio of the RMS sum of the harmonic distortion products in the specified bandwidth
(see note below) relative to the amplitude of the fundamental (ie. test frequency) output.
3.
Signal-to-Noise Ratio (dB)
– SNR is a measure of the difference in level between the output response of a 1kHz 94dB SPL
sine wave and the idle noise output.
4.
Dynamic Range (dB)
– DR is the ratio of the 1% THD microphone output level (in response to a sine wave input) and the idle
noise output level.
5.
All performance measurements are carried out within a 20Hz to 20kHz bandwidth and, where noted, an A-weighted filter.
Failure to use these filters will result in higher THD and lower SNR values than are found in the Acoustic and Electrical
Characteristics. The low pass filter removes out of band noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com