Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM7331 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM7331
Description  Bottom Port Analog Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7331 Datasheet(HTML) 1 Page - Cirrus Logic

  WM7331 Datasheet HTML 1Page - Cirrus Logic WM7331 Datasheet HTML 2Page - Cirrus Logic WM7331 Datasheet HTML 3Page - Cirrus Logic WM7331 Datasheet HTML 4Page - Cirrus Logic WM7331 Datasheet HTML 5Page - Cirrus Logic WM7331 Datasheet HTML 6Page - Cirrus Logic WM7331 Datasheet HTML 7Page - Cirrus Logic WM7331 Datasheet HTML 8Page - Cirrus Logic WM7331 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Bottom Port Analog Silicon Microphone
Pre-Production
This document contains information for a product under
development. Cirrus Logic reserves the right to modify this
product.
http://www.cirrus.com
Copyright
 Cirrus Logic, Inc., 2014–2016
(All Rights Reserved)
Rev 3.2
APR
‘16
WM7331E
DESCRIPTION
The WM7331 is a low-profile silicon analog microphone. It
offers high Signal to Noise Ratio (SNR) and low power
consumption and is suited to a wide variety of consumer
applications.
The
WM7331
incorporates
Cirrus
Logic®
proprietary
CMOS/MEMS membrane technology, offering high reliability
and high performance in a miniature, low-profile package.
The compact integration of transducer and internal circuitry
on a single die enables implementation within an extremely
small package size.
The
WM7331
is
designed
to
withstand
the
high
temperatures
associated
with
automated
flow
solder
assembly processes. (Note that conventional microphones
can be damaged by this process.)
The WM7331 offers tight tolerance on the microphone
sensitivity, giving reduced variation between parts. This
removes the need for in-line production calibration of part-to-
part microphone variations.
FEATURES
High SNR (63dB)
Low variation in sensitivity (±1dB tolerance)
Low current consumption (55µA)
Analog output
Bottom Port LGA Package
2.5mm x 1.6mm x 0.9mm package
1.6V to 3.6V supply
APPLICATIONS
Mobile phone handsets
Wearable devices
Portable media players
Digital cameras
BLOCK DIAGRAM
CMOS MEMS Transducer
VDD
CHARGE
PUMP
GND
WM7331
AMP
OUTPUT
3D VIEW
2.50mm x 1.60mm x 0.90mm LGA package


Similar Part No. - WM7331

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
More results

Similar Description - WM7331

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
Bottom Port Analogue Silicon Microphone
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
Bottom Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
logo
Knowles Electronics
SPV61A0LR5H-1 KNOWLES-SPV61A0LR5H-1 Datasheet
2Mb / 9P
ANALOG BOTTOM PORT SISONIC™ MICROPHONE
Rev. A
SPW0878LR5H-1 KNOWLES-SPW0878LR5H-1 Datasheet
3Mb / 10P
ANALOG BOTTOM PORT SISONIC™ MICROPHONE
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com