Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8152 Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM8152
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8152 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM8152 Datasheet HTML 7Page - Cirrus Logic WM8152 Datasheet HTML 8Page - Cirrus Logic WM8152 Datasheet HTML 9Page - Cirrus Logic WM8152 Datasheet HTML 10Page - Cirrus Logic WM8152 Datasheet HTML 11Page - Cirrus Logic WM8152 Datasheet HTML 12Page - Cirrus Logic WM8152 Datasheet HTML 13Page - Cirrus Logic WM8152 Datasheet HTML 14Page - Cirrus Logic WM8152 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Production Data
WM8152
w
PD, Rev 4.3, August 2008
11
Figure 6 Typical Power up Sequence where DVDD1 is Powered before AVDD
Figure 6 shows a typical power-up sequence where DVDD1 is powered up first. It is assumed that
DVDD1 is already up to specified operating voltage. When AVDD goes above the minimum
threshold, Vpora, there is enough voltage for the circuit to guarantee PORB is asserted low and the
chip is held in reset. In this condition, all writes to the control interface are ignored. When AVDD rises
to Vpora_on, PORB is released high and all registers are in their default state and writes to the
control interface may take place.
On power down, where DVDD1 falls first, PORB is asserted low whenever DVDD1 drops below the
minimum threshold Vpord_off.
SYMBOL
TYP
UNIT
Vpora
0.6
V
Vpora_on
1.2
V
Vpora_off
0.6
V
Vpord_on
0.7
V
Vpord_off
0.6
V
Table 1 Typical POR Operation (typical values, not tested)
Note: It is recommended that every time power is cycled to the WM8199 a software reset is written
to the software register to ensure that the contents of the control registers are at their default values
before carrying out any other register writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com