Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8152 Datasheet(PDF) 13 Page - Cirrus Logic

Part # WM8152
Description  Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8152 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button WM8152 Datasheet HTML 9Page - Cirrus Logic WM8152 Datasheet HTML 10Page - Cirrus Logic WM8152 Datasheet HTML 11Page - Cirrus Logic WM8152 Datasheet HTML 12Page - Cirrus Logic WM8152 Datasheet HTML 13Page - Cirrus Logic WM8152 Datasheet HTML 14Page - Cirrus Logic WM8152 Datasheet HTML 15Page - Cirrus Logic WM8152 Datasheet HTML 16Page - Cirrus Logic WM8152 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Production Data
WM8152
w
PD, Rev 4.3, August 2008
13
TIMING CONTROL
S/H
4-BIT
RLC DAC
CL
+
+
-
TO OFFSET DAC
RLC
CDS
FROM CONTROL
INTERFACE
S/H
V
S
R
S
FROM CONTROL
INTERFACE
MCLK
VSMP
INPUT SAMPLING
BLOCK
CDS
C
IN
VINP
VRLC/
VBIAS
2
1
EXTERNAL VRLC
VRLCEXT
Figure 7 Reset Level Clamping and CDS Circuitry
Reset Level Clamping is controlled by register bit RLCINT. Figure 8 illustrates the effect of the
RLCINT bit for a typical CCD waveform, with CL applied during the reset period.
The RLCINT register bit is sampled on the positive edge of MCLK that occurs during each VSMP
pulse. The sampled level, high (or low) controls the presence (or absence) of the internal CL pulse on
the next reset level. The position of CL can be adjusted by using control bits CDSREF[1:0] (Figure 9).
MCLK
VSMP
ACYC/RLC
or RLCINT
CL
(CDSREF = 01)
INPUT VIDEO
1X
X
0
X
X
0
RGB
RGB
No RLC on this Pixel
RLC on this Pixel
Programmable Delay
RGB
Figure 8 Relationship of RLCINT, MCLK and VSMP to Internal Clamp Pulse, CL
The VRLC/VBIAS pin can be driven internally by a 4-bit DAC (RLCDAC) by writing to control bits
RLCV[3:0]. The RLCDAC range and step size may be increased by writing to control bit
RLCDACRNG. Alternatively, the VRLC/VBIAS pin can be driven externally by writing to control bit
VRLCEXT to disable the RLCDAC and then applying a d.c. voltage to the pin.
CDS/NON-CDS PROCESSING
For CCD type input signals, the signal may be processed using CDS, which will remove pixel-by-pixel
common mode noise. For CDS operation, the video level is processed with respect to the video reset
level, regardless of whether RLC has been performed. To sample using CDS, control bit CDS must
be set to 1 (default), this sets switch 2 into the position shown in (Figure 7) and causes the signal
reference to come from the video reset level. The time at which the reset level is sampled, by clock
Rs/CL, is adjustable by programming control bits CDSREF[1:0], as shown in Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com