Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8196 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8196
Description  (8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8196 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8196 Datasheet HTML 1Page - Cirrus Logic WM8196 Datasheet HTML 2Page - Cirrus Logic WM8196 Datasheet HTML 3Page - Cirrus Logic WM8196 Datasheet HTML 4Page - Cirrus Logic WM8196 Datasheet HTML 5Page - Cirrus Logic WM8196 Datasheet HTML 6Page - Cirrus Logic WM8196 Datasheet HTML 7Page - Cirrus Logic WM8196 Datasheet HTML 8Page - Cirrus Logic WM8196 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
w
WM8196
(8 + 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Production Data, October 2008, Rev 4.6
Copyright
©2008 Wolfson Microelectronics plc
DESCRIPTION
The WM8196 is a 16-bit analogue front end/digitiser IC
which processes and digitises the analogue output signals
from CCD sensors or Contact Image Sensors (CIS) at pixel
sample rates of up to 12MSPS.
The device includes three analogue signal processing
channels each of which contains Reset Level Clamping,
Correlated Double Sampling and Programmable Gain and
Offset adjust functions. Three multiplexers allow single
channel processing. The output from each of these
channels is time multiplexed into a single high-speed 16-bit
Analogue to Digital Converter. The digital output data is
available in 8 or 4-bit wide multiplexed format.
An internal 4-bit DAC is supplied for internal reference level
generation. This may be used during CDS to reference CIS
signals or during Reset Level Clamping to clamp CCD
signals. An external reference level may also be supplied.
ADC references are generated internally, ensuring optimum
performance from the device.
Using an analogue supply voltage of 5V and a digital
interface supply of either 5V or 3.3V, the WM8196 typically
only consumes 300mW when operating from a single
5V supply.
FEATURES
•
16-bit ADC
•
12MSPS conversion rate
•
Low power – 320mW typical
•
5V single supply or 5V/3.3V dual supply operation
•
Single or 3 channel operation
•
Correlated double sampling
•
Programmable gain (8-bit resolution)
•
Programmable offset adjust (8-bit resolution)
•
Programmable clamp voltage
•
8 or 4-bit wide multiplexed data output formats
•
Internally generated voltage references
•
28-lead SSOP package
•
Serial control interface
APPLICATIONS
•
Flatbed and sheetfeed scanners
•
USB compatible scanners
•
Multi-function peripherals
•
High-performance CCD sensor interface
BLOCK DIAGRAM
RINP
DATA
I/O
PORT
SEN
VSMP
MCLK
VRLC/VBIAS
SDI
SCK
DVDD2
TIMING CONTROL
CL
RLC/ACYC
RLC
V
S
R
S
BINP
GINP
VRX
VRT
OEB
M
U
X
VRB
RLC
RLC
CDS
CDS
CDS
RLC
DAC
4
CONFIGURABLE
SERIAL
CONTROL
INTERFACE
16-
BIT
ADC
AGND1
DGND
DVDD1
OP[0]
OP[1]
OP[2]
OP[3]
OP[4]
OP[5]
OP[6]
OP[7]/SDO
AGND2
M
U
X
VREF/BIAS
M
U
X
R
G
B
M
U
X
R
G
B
+
PGA
I/P SIGNAL
POLARITY
ADJUST
8
8
PGA
8
8
OFFSET
DAC
PGA
8
OFFSET
DAC
8
+
+
+
+
+
I/P SIGNAL
POLARITY
ADJUST
I/P SIGNAL
POLARITY
ADJUST
AVDD
w
WM8196
OFFSET
DAC


Similar Part No. - WM8196

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8196 WOLFSON-WM8196 Datasheet
366Kb / 30P
(88)BIT OUTPUT 16-BIT CIS/CCD AFE/DIGITISER
WM8196 WOLFSON-WM8196 Datasheet
381Kb / 32P
(8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8196SCDS WOLFSON-WM8196SCDS Datasheet
381Kb / 32P
(8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8196SCDS/R WOLFSON-WM8196SCDS/R Datasheet
381Kb / 32P
(8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8196 WOLFSON-WM8196_07 Datasheet
381Kb / 32P
(8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
More results

Similar Description - WM8196

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8181 WOLFSON-WM8181 Datasheet
150Kb / 14P
12-bit 2MSPS Serial Output CIS/CCD Digitiser
WM8190 WOLFSON-WM8190 Datasheet
438Kb / 25P
(86) Bit Output 14-bit CIS/CCD AFE/Digitiser
WM8192 WOLFSON-WM8192 Datasheet
619Kb / 24P
(88) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8198 WOLFSON-WM8198 Datasheet
379Kb / 31P
(8 8 ) BIT OUTPUT 16 BIT CIS/CCD AFE/DIGITISER
WM8196 WOLFSON-WM8196 Datasheet
366Kb / 30P
(88)BIT OUTPUT 16-BIT CIS/CCD AFE/DIGITISER
WM8152 WOLFSON-WM8152 Datasheet
284Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8152 WOLFSON-WM8152_07 Datasheet
314Kb / 28P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
WM8196 WOLFSON-WM8196_07 Datasheet
381Kb / 32P
(8 8) Bit Output 16-bit CIS/CCD AFE/Digitiser
WM8259 WOLFSON-WM8259 Datasheet
353Kb / 26P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
logo
Cirrus Logic
WM8253 CIRRUS-WM8253 Datasheet
278Kb / 27P
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com