Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8215 Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM8215
Description  60MSPS 10-bit 3-Channel CCD Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8215 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM8215 Datasheet HTML 7Page - Cirrus Logic WM8215 Datasheet HTML 8Page - Cirrus Logic WM8215 Datasheet HTML 9Page - Cirrus Logic WM8215 Datasheet HTML 10Page - Cirrus Logic WM8215 Datasheet HTML 11Page - Cirrus Logic WM8215 Datasheet HTML 12Page - Cirrus Logic WM8215 Datasheet HTML 13Page - Cirrus Logic WM8215 Datasheet HTML 14Page - Cirrus Logic WM8215 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
WM8215
Production Data
w
PD, Rev 4.3, September 2012
11
INTERNAL POWER ON RESET CIRCUIT
Figure 5 Internal Power On Reset Circuit Schematic
The WM8215 includes an internal Power-On-Reset Circuit, as shown in Figure 5, which is used to
reset the digital logic into a default state after power up. The POR circuit is powered from AVDD and
monitors DVDD1. It asserts PORB low if AVDD or DVDD1 is below a minimum threshold.
The power supplies can be brought up in any order but is important that either AVDD is brought up
and is stable before DVDD comes up or vice versa as shown in Figure 6 and Figure 7.
Figure 6 Typical Power up Sequence where AVDD is Powered before DVDD1
Figure 6 shows a typical power-up sequence where AVDD comes up first. When AVDD goes above
the minimum threshold, Vpora, there is enough voltage for the circuit to guarantee PORB is asserted
low and the chip is held in reset. In this condition, all writes to the control interface are ignored. Now
AVDD is at full supply level. Next DVDD1 rises to Vpord_on and PORB is released high and all
registers are in their default state and writes to the control interface may take place.
On power down, where AVDD falls first, PORB is asserted low whenever AVDD drops below the
minimum threshold Vpora_off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com