Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8215 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8215
Description  60MSPS 10-bit 3-Channel CCD Digitiser
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8215 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8215 Datasheet HTML 17Page - Cirrus Logic WM8215 Datasheet HTML 18Page - Cirrus Logic WM8215 Datasheet HTML 19Page - Cirrus Logic WM8215 Datasheet HTML 20Page - Cirrus Logic WM8215 Datasheet HTML 21Page - Cirrus Logic WM8215 Datasheet HTML 22Page - Cirrus Logic WM8215 Datasheet HTML 23Page - Cirrus Logic WM8215 Datasheet HTML 24Page - Cirrus Logic WM8215 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
WM8215
Production Data
w
PD, Rev 4.3, September 2012
21
SERIAL INTERFACE: REGISTER WRITE
Figure 16 shows register writing in serial mode. Three pins, SCK, SDI and SEN are used. A six-bit
address (a5, 0, a3, a2, a1, a0) is clocked in through SDI, MSB first, followed by an eight-bit data word
(b7, b6, b5, b4, b3, b2, b1, b0), also MSB first. Setting address bit a4 to 0 indicates that the operation
is a register write. Each bit is latched on the rising edge of SCK. When the data has been shifted into
the device, a pulse is applied to SEN to transfer the data to the appropriate internal register.
SCK
SEN
SDI
a5
0
a3
a2a1a0b7
b6b5b4b3
b2b1b0
Address
Data Word
Figure 16 Serial Interface Register Write
A software reset is carried out by writing to Address “000100” with any value of data, (i.e. Data Word
= XXXXXXXX).
SERIAL INTERFACE: REGISTER READ-BACK
Figure 17 shows register read-back in serial mode. Read-back is initiated by writing to the serial bus
as described above but with address bit a4 set to 1, followed by an 8-bit dummy data word. Writing
address (a5, 1, a3, a2, a1, a0) will cause the contents (d7, d6, d5, d4, d3, d2, d1, d0) of
corresponding register (a5, 0, a3, a2, a1, a0) to be output MSB first on pin SDO (on the falling edge of
SCK). Note that pin SDO is shared with an output pin, OP[9], therefore OEB should always be held
low and the OPD register bit should be set low when register read-back data is expected on this pin.
The next word may be read in to SDI while the previous word is still being output on SDO.
Figure 17 Serial Interface Register Read-back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com