Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8325 Datasheet(PDF) 3 Page - Cirrus Logic

Part # WM8325
Description  Processor Power Management Subsystem
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8325 Datasheet(HTML) 3 Page - Cirrus Logic

  WM8325 Datasheet HTML 1Page - Cirrus Logic WM8325 Datasheet HTML 2Page - Cirrus Logic WM8325 Datasheet HTML 3Page - Cirrus Logic WM8325 Datasheet HTML 4Page - Cirrus Logic WM8325 Datasheet HTML 5Page - Cirrus Logic WM8325 Datasheet HTML 6Page - Cirrus Logic WM8325 Datasheet HTML 7Page - Cirrus Logic WM8325 Datasheet HTML 8Page - Cirrus Logic WM8325 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 254 page
background image
Production Data
WM8325
w
PD, February 2012, Rev 4.0
3
TYPICAL APPLICATIONS
The WM8325 is designed as a system PMIC device that generates configurable DC supplies to
power processors and associated peripherals within a system. The WM8325 provides four DC-DC
synchronous buck (step-down) converters. Two of these can operate in dual mode, providing an
increased current capability. Eleven LDO regulators provide a high degree of flexibility to provide
power to multiple devices, with the capability to power-up and power-down different circuits
independently.
Two of the DC-DC buck converters incorporate Wolfson’s BuckWise
TM technology specifically
designed to handle rapid changes in load current; programmable slew rate DVS is also provided, as
required by modern application processors. Selectable operating modes on all of the DC-DC
converters allow each converter to be optimally configured for light, heavy or transient load
conditions. Flexible operating configurations allow the converters to be tailored for minimum PCB
area, maximum performance, or for maximum efficiency. The analogue LDOs provide low-noise
outputs suitable for powering sensitive circuits such as RF / Wi-Fi / cellular handset applications.
The WM8325 powers up the converters and LDOs according to a programmable sequence. A
configurable ‘SLEEP’ state is also available, providing support for an alternate configuration, typically
for low-power / standby operation. The power control sequences and many other parameters can be
stored in an integrated user-configurable OTP (One-Time Programmable) memory or may be loaded
from an external memory. The WM8325 supports the programming and verification of the integrated
OTP memory.
A backup battery supply can be connected to the WM8325 in order to maintain the Real Time Clock
(RTC) in the absence of the primary supply.
Programmable GPIO pins may be configured as hardware inputs for general use or for selecting
different power management configurations. As outputs, the GPIOs can provide indications of the
device status, or may be used as control signals for other power management circuits. The WM8325
also provides two LED drivers, which can be controlled manually or configured as status indicators for
the OTP memory programmer or operating power state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com